Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C801-24 Datasheet(PDF) 3 Page - Winbond

Part # W78C801-24
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C801-24 Datasheet(HTML) 3 Page - Winbond

  W78C801-24 Datasheet HTML 1Page - Winbond W78C801-24 Datasheet HTML 2Page - Winbond W78C801-24 Datasheet HTML 3Page - Winbond W78C801-24 Datasheet HTML 4Page - Winbond W78C801-24 Datasheet HTML 5Page - Winbond W78C801-24 Datasheet HTML 6Page - Winbond W78C801-24 Datasheet HTML 7Page - Winbond W78C801-24 Datasheet HTML 8Page - Winbond W78C801-24 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
W78C801
Publication Release Date: February 1999
- 3 -
Revision A3
PIN DESCRIPTION
SYMBOL
DESCRIPTIONS
EA
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out of
external ROM. It should be kept high to access internal ROM. The ROM address and
data will not be presented on the bus if EA pin is high and the program counter is
within on-chip ROM area. Otherwise they will be presented on the bus.
PSEN
PROGRAM STORE ENABLE: PSEN enables the external ROM data onto the Port 0
address/ data bus during fetch and MOVC operations. When internal ROM access is
performed, no PSEN strobe signal outputs from this pin. This pin also serves the
alternative function P4.6.
ALE
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that separates
the address from the data on Port 0. This pin also serves the alternative function P4.5
RST
RESET: A high on this pin for two machine cycles while the oscillator is running resets
the device.
XTAL1
CRYSTAL1: This is the crystal oscillator input. This pin may be driven by an external
clock.
XTAL2
CRYSTAL2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
GROUND: Ground potential
VDD
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7 PORT 0: Port 0 is a bi-directional I/O port which also provides a multiplexed low order
address/data bus during accesses to external memory. The pins of Port 0 can be
individually configured to open-drain or standard port with internal pull-ups.
P1.0
−P1.7 PORT 1: Port 1 is a bi-directional I/O port with internal pull-ups. The bits have alternate
functions which are described below:
INT2
−INT9(P1.0−P1.7): External interrupt 2 to 9
P2.0
−P2.7 PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides
the upper address bits for accesses to external memory.
P3.0
−P3.7 PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. The pins P3.4 to P3.7
can be configured with high sink current which can drive LED displays directly. All bits
have alternate functions, which are described below:
INT0 (P3.2) : External Interrupt 0
INT1
(P3.3) : External Interrupt 1
T0(P3.4)
: Timer 0 External Input
T1(P3.5)
: Timer 1 External Input
WR
(P3.6) : External Data Memory Write Strobe
RD
(P3.7) : External Data Memory Read Strobe
P4.0
−P4.6 PORT 4: A 6-bit bi-directional I/O port which is bit-addressable. Pins P4.0 to P4.3 are
available on 44-pin PLCC/QFP package. Pins P4.5 and P4.6 are the alternative
function corresponding to ALE and PSEN.


Similar Part No. - W78C801-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C801-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com