Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78C58-24 Datasheet(PDF) 9 Page - Winbond

Part # W78C58-24
Description  8-BIT MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58-24 Datasheet(HTML) 9 Page - Winbond

Back Button W78C58-24 Datasheet HTML 5Page - Winbond W78C58-24 Datasheet HTML 6Page - Winbond W78C58-24 Datasheet HTML 7Page - Winbond W78C58-24 Datasheet HTML 8Page - Winbond W78C58-24 Datasheet HTML 9Page - Winbond W78C58-24 Datasheet HTML 10Page - Winbond W78C58-24 Datasheet HTML 11Page - Winbond W78C58-24 Datasheet HTML 12Page - Winbond W78C58-24 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
W78C58
Publication Release Date: December 1997
- 9 -
Revision A5
* Interrupts
***IE - Interrupt Enable (A8H)
EA
-
ET2
ES
ET1
EX1
ET0
EX0
EA: lobal interrupt enable flag
ET2: Timer 2 overflow interrupt enable
ES:
Serial port interrupt enable
EX1: External interrupt 1 enable
ET1: Timer 1 overflow interrupt enable
EX0: External interrupt 0 enable
***IP - Interrupt Priority (B8H)
-
-
PT2
PS
PT1
PX1
PT0
PX0
PT2: Timer 2 interrupt priority high if set
PS:
Serial port priority high if set
PT1: Timer 1 interrupt priority high if set
PX1: External interrupt 1 priority high if set
PT0: Timer 0 interrupt priority high if set
PX0: External interrupt 0 priority high if set
***XICON - External Interrupt Control (C0H)
PX3
EX3
IE3
IT3
PX2
EX2
IE2
IT2
PX3: External interrupt 3 priority high if set
EX3: External interrupt 3 enable if set
IE3: If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced
IT3: External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software
PX2: External interrupt 2 priority high if set
EX2: External interrupt 2 enable if set
IE2: If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced
IT2: External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software
The W78C58 supports an eight-source and a four-priority-level interrupt architectures. Besides the
SFRs of IP and IE to control the six-source of the standard 8052 interrupt functions. There is an
another SFR (XICON) to control the extra two-source of the external interrrupt (INT2 and INT3). This
priority scheme is formed by combining IPH with IP to determine the priority of each interrupt. Except
the INT2 and INT3, they are not defined in IP
SFR but in XICON.


Similar Part No. - W78C58-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
More results

Similar Description - W78C58-24

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com