Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0277015.M Datasheet(PDF) 3 Page - Littelfuse

Part # 0277015.M
Description  Approved to MIL-PRF-15160
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0277015.M Datasheet(HTML) 3 Page - Littelfuse

  0277015.M Datasheet HTML 1Page - Littelfuse 0277015.M Datasheet HTML 2Page - Littelfuse 0277015.M Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Military Fuses and Fuseholders
496
www .littelfuse .com
Fuses
Approved to DSCC Drawing No. 87108
NOTE: Boldface numbers of catalog number indicate series; light type numbers indicate amperage value.
FUSEHOLDERS
Approved to MIL-PRF-19207
Specifications
Commercial Equivalent
MIL
Type
Catalog
Catalog
Voltage
Specification
Designation
Number
Type
Electrical Rating
For Fuse Type
Number
Range
MIL-PRF19207/11
FHN20G
342 025
Drip-Proof
20A 250V Max
3AG, F02, F03
342 004P
250V Max
MIL-PRF19207/16
FHN26G2
342 024
Drip-Proof
30A 250V Max
3AG, F02, F03
342 012P
250V Max
MIL-PRF19207/16
FHN26W
342 021
Water-Tight
30A 250V Max
3AG, F02, F03
342 006
250V Max
MIL-PRF19207/36
FHN55W
340 267
Water-Tight — RFI
30A 250V Max
3AG, F02, F03
250V Max


Similar Part No. - 0277015.M

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02770 GENERAL-02770 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW
02770 GENERAL-02770 Datasheet
79Kb / 1P
   Carolprene Jacketed Type SOOW
logo
List of Unclassifed Man...
02770 ETC2-02770 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
General Cable Technolog...
02770.15.01 GENERAL-02770.15.01 Datasheet
79Kb / 1P
   Carolprene Jacketed Type SOOW
logo
Littelfuse
02770.15.01 LITTELFUSE-02770.15.01 Datasheet
79Kb / 1P
   Carolprene짰 Jacketed Type SOOW
More results

Similar Description - 0277015.M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
   MIL-PRF-28876 Dust Covers
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com