Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0279.300V Datasheet(PDF) 1 Page - Littelfuse

Part # 0279.300V
Description  Approved to MIL-PRF-15160
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0279.300V Datasheet(HTML) 1 Page - Littelfuse

  0279.300V Datasheet HTML 1Page - Littelfuse 0279.300V Datasheet HTML 2Page - Littelfuse 0279.300V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Military Fuses and Fuseholders
494
www .littelfuse .com
Fuses
Approved to MIL-PRF-15160
F09A FUSES
MIL-PRF-15160/9
(Commercial Equivalent — BLN Series)
MIL Type
Nickel-Plated
Silver-Plated
Designation
Caps
Caps
F09A 250V 1A
594 001
594 001S
F09A 250V 2A
594 002
594 002S
F09A 250V 3A
594 003
594 003S
F09A 250V 4A
594 004
594 004S
F09A 250V 5A
594 005
594 005S
F09A 250V 6A
594 006
594 006S
F09A 250V 7A
594 007
594 007S
F09A 250V 8A
594 008
594 008S
F09A 250V 10A
594 010
594 010S
F09A 250V 12A
594 012
594 012S
F09A 250V 15A
594 015
594 015S
F09A 250V 20A
594 020
594 020S
F09A 250V 25A
594 025
594 025S
F09A 250V 30A
594 030
594 030S
F09B FUSES
MIL-PRF-15160/9
(Commercial Equivalent — FLM Series)
MIL Type
Nickel-Plated
Silver-Plated
Designation
Caps
Caps
F09B 250V 3/10A
593.300
593.300S
F09B 250V 4/10A
593.400
593.400S
F09B 250V 1/2A
593.500
593.500S
F09B 250V 6/10A
593.600
593.600S
F09B 250V 8/10A
593.800
593.800S
F09B 250V 1A
593 001
593 001S
F09B 250V 11/8 A
593 1.12
593 1.12S
F09B 250V 11/4 A
593 1.25
593 1.25S
F09B 250V 14/10A
593 01.4
593 01.4S
F09B 250V 11/2 A
593 01.5
593 01.5S
F09B 250V 16/10A
593 01.6
593 01.6S
F09B 250V 18/10A
593 01.8
593 01.8S
F09B 250V 2A
593 002
593 002S
F09B 250V 21/4 A
593 2.25
593 2.25S
F09B 250V 21/2 A
593 02.5
593 02.5S
F09B 250V 2 8/10A
593 02.8
593 02.8S
F09B 250V 3A
593 003
593 003S
F09B 250V 3 2/10A
593 03.2
593 03.2S
F09B 250V 3 1/2 A
593 03.5
593 03.5S
F09B 250V 4A
593 004
593 004S
F09B 250V 41/2 A
593 04.5
593 04.5S
F09B 250V 5A
593 005
593 005S
F09B 250V 5 6/10A
593 05.6
593 05.6S
F09B 250V 6A
593 006
593 006S
F09B 250V 61/4 A
593 6.25
593 6.25S
F09B 250V 7A
593 007
593 007S
F09B 250V 8A
593 008
593 008S
F09B 250V 9A
593 009
593 009S
F09B 250V 10A
593 010
593 010S
F09B 125V 12A
593 012
593 012S
F09B 125V 15A
593 015
593 015S
F09B 32V 20A
593 020
593 020S
F09B 32V 25A
593 025
593 025S
F09B 32V 30A
593 030
593 030S
F60C FUSES
MIL-PRF-15160/60
(Commercial Equivalent — KLK Series)
MIL Type
Nickel-Plated
Silver-Plated
Designation
Caps
Caps
F60C 500V 1/8A
592.125
592.125S
F60C 500V 2/10A
592.200
592.200S
F60C 500V 1/4A
592.250
592.250S
F60C 500V 3/10A
592.300
592.300S
F60C 500V 3/8A
592.375
592.375S
F60C 500V 1/2A
592.500
592.500S
F60C 500V 3/4A
592.750
592.750S
F60C 500V 1A
592 001
592 001S
F60C 500V 11/2 A
592 01.5
592 01.5S
F60C 500V 2A
592 002
592 002S
F60C 500V 3A
592 003
592 003S
F60C 500V 4A
592 004
592 004S
F60C 500V 5A
592 005
592 005S
F60C 500V 6A
592 006
592 006S
F60C 500V 8A
592 008
592 008S
F60C 500V 10A
592 010
592 010S
F60C 500V 15A
592 015
592 015S
F60C 500V 20A
592 020
592 020S
F60C 500V 25A
592 025
592 025S
F60C 500V 30A
592 030
592 030S
NOTES:
1. The suffix letter “S” added to the type designation indicates that silver-plated fuse
caps are required.
For example: F02A 250V 3/4A S.
2. Boldface numbers indicate series; light type numbers indicate
amperage value.


Similar Part No. - 0279.300V

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0279-0-15-01-47-01-10-0 MILL-MAX-0279-0-15-01-47-01-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-01-47-27-10-0 MILL-MAX-0279-0-15-01-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-01-4727100 MILL-MAX-0279-0-15-01-4727100 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-15-47-27-10-0 MILL-MAX-0279-0-15-15-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02790 ETC2-02790 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0279.300V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
   MIL-PRF-28876 Dust Covers
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com