Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0279.050V Datasheet(PDF) 2 Page - Littelfuse

Part # 0279.050V
Description  Approved to MIL-PRF-15160
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0279.050V Datasheet(HTML) 2 Page - Littelfuse

  0279.050V Datasheet HTML 1Page - Littelfuse 0279.050V Datasheet HTML 2Page - Littelfuse 0279.050V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Military Fuses and Fuseholders
495
www .littelfuse .com
Fuses
Approved to MIL-PRF-23419
FM02 FUSES
MIL-PRF-23419/2
(Commercial Equivalent —
273 Series MICROfuses)
MIL Type
Catalog
Designation
Number
FM02A 125V 1/500A
274.002
FM02A 125V 1/200A
274.005
FM02A 125V 1/100A
274.010
FM02A 125V 1/64A
274.015
FM02A 125V 1/32A
274.031
FM02A 125V 1/16A
274.062
FM02A 125V 1/10A
274.100
FM02A 125V 1/8A
274.125
FM02A 125V 2/10A
274.200
FM02A 125V 1/4A
274.250
FM02A 125V 3/10A
274.300
FM02A 125V 4/10A
274.400
FM02A 125V 1/2A
274.500
FM02A 125V 6/10A
274.600
FM02A 125V 3/4A
274.750
FM02A 125V 1A
274 001
FM02A 125V 11/2 A
274 01.5
FM02A 125V 2A
274 002
FM02A 125V 3A
274 003
FM02A 125V 4A
274 004
FM02A 125V 5A
274 005
FM04 FUSES
MIL-PRF-23419/4
(Commercial Equivalent —
275 Series PICO® fuses)
Not recommended for new design — use FM 10
MIL Type
Catalog
Designation
Number
FM04A 125V 1/16A
277.062
FM04A 125V 1/8A
277.125
FM04A 125V 1/4A
277.250
FM04A 125V 3/8A
277.375
FM04A 125V 1/2A
277.500
FM04A 125V 3/4A
277.750
FM04A 125V 1A
277 001
FM04A 125V 11/2 A
277 01.5
FM04A 125V 2A
277 002
FM04A 125V 3A
277 003
FM04A 125V 4A
277 004
FM04A 125V 5A
277 005
FM04A 125V 7A
277 007
FM04A 125V 10A
277 010
FM04A 32V 15A
277 015
FM07 FUSES
MIL-PRF-23419/7
(Commercial Equivalent —
262 Series MICROfuses)
MIL Type
Catalog
Designation
Number
FM07A 125V 1/500A
269.002
FM07A 125V 1/200A
269.005
FM07A 125V 1/100A
269.010
FM07A 125V 1/64A
269.015
FM07A 125V 1/32A
269.031
FM07A 125V 1/20A
269.050
FM07A 125V 1/16A
269.062
FM07A 125V 1/10A
269.100
FM07A 125V 1/8A
269.125
FM07A 125V 2/10A
269.200
FM07A 125V 1/4A
269.250
FM07A 125V 3/10A
269.300
FM07A 125V 4/10A
269.400
FM07A 125V 1/2A
269.500
FM07A 125V 6/10A
269.600
FM07A 125V 7/10A
269.700
FM07A 125V 3/4A
269.750
FM07A 125V 8/10A
269.800
FM07A 125V 1A
269 001
FM07A 125V 11/2 A
269 01.5
FM07A 125V 2A
269 002
FM07A 125V 3A
269 003
FM07A 125V 4A
269 004
FM07A 125V 5A
269 005
FM08 FUSES
MIL-PRF-23419/8
(Commercial Equivalent —
265 Series PICO® fuses)
MIL Type
Catalog
Designation
Number
FM08A 125V 1/8A
267.125
FM08A 125V 1/4A
267.250
FM08A 125V 3/8A
267.375
FM08A 125V 1/2A
267.500
FM08A 125V 3/4A
267.750
FM08A 125V 1A
267 001
FM08A 125V 11/2 A
267 01.5
FM08A 125V 2A
267 002
FM08A 125V 21/2 A
267 02.5
FM08A 125V 3A
267 003
FM08A 125V 4A
267 004
FM08A 125V 5A
267 005
FM08A 125V 7A
267 007
FM08A 125V 10A
267 010
FM08A 32V 15A
267 015
FM10 FUSES
MIL-PRF-23419/10
(Commercial Equivalent —
251 Series PICO® fuses)
MIL Type
Catalog
Designation
Number
FM10A 125V 1/16A
253.062
FM10A 125V 1/8A
253.125
FM10A 125V 1/4A
253.250
FM10A 125V 3/8A
253.375
FM10A 125V 1/2A
253.500
FM10A 125V 3/4A
253.750
FM10A 125V 1A
253 001
FM10A 125V 11/2 A
253 01.5
FM10A 125V 2A
253 002
FM10A 125V 3A
253 003
FM10A 125V 4A
253 004
FM10A 125V 5A
253 005
FM10A 125V 7A
253 007
FM10A 125V 10A
253 010
FM10A 32V 15A
253 015
NOTE: Boldface numbers of catalog number indicate series; light type numbers indicate amperage value.


Similar Part No. - 0279.050V

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0279-0-15-01-47-01-10-0 MILL-MAX-0279-0-15-01-47-01-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-01-47-27-10-0 MILL-MAX-0279-0-15-01-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-01-4727100 MILL-MAX-0279-0-15-01-4727100 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-15-47-27-10-0 MILL-MAX-0279-0-15-15-47-27-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02790 ETC2-02790 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0279.050V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
M123A11BXB104KS AVX-M123A11BXB104KS Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
   MIL-PRF-28876 Dust Covers
logo
AVX Corporation
MIL-PRF-39014 AVX-MIL-PRF-39014 Datasheet
545Kb / 14P
   MIL-PRF-39014/Radial Leads
CKR22BX104KM AVX-CKR22BX104KM Datasheet
542Kb / 14P
   MIL-PRF-39014/Radial Leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com