Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29C020P-12B Datasheet(PDF) 11 Page - Winbond

Part # W29C020P-12B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020P-12B Datasheet(HTML) 11 Page - Winbond

Back Button W29C020P-12B Datasheet HTML 7Page - Winbond W29C020P-12B Datasheet HTML 8Page - Winbond W29C020P-12B Datasheet HTML 9Page - Winbond W29C020P-12B Datasheet HTML 10Page - Winbond W29C020P-12B Datasheet HTML 11Page - Winbond W29C020P-12B Datasheet HTML 12Page - Winbond W29C020P-12B Datasheet HTML 13Page - Winbond W29C020P-12B Datasheet HTML 14Page - Winbond W29C020P-12B Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
W29C020
Publication Release Date: February 1998
- 11 -
Revision A3
Power-up Timing
PARAMETER
SYMBOL
TYPICAL
UNIT
Power-up to Read Operation
TPU. READ
100
µS
Power-up to Write Operation
TPU. WRITE
5
mS
CAPACITANCE
(VDD = 5.0V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITIONS
MAX.
UNIT
DQ Pin Capacitance
CDQ
VDQ = 0V
12
pF
Input Pin Capacitance
CIN
VIN = 0V
6
pF
AC CHARACTERISTICS
AC Test Conditions
(VDD = 5.0V
±10% for 90 nS and 120 nS; VDD = 5.0V ±5% for 70 nS)
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise/Fall Time
<5 nS
Input/Output Timing Level
1.5V/1.5V
Output Load
1 TTL Gate and CL = 100 pF for 90/120 nS
CL = 30 pF for 70 nS
AC Test Load and Waveform
+5V
1.8K
1.3K
D OUT
100 pF for 90/120 nS
30 pF for 70 nS
(Including Jig and Scope)
Input
3V
0V
Test Point
Test Point
1.5V
1.5V
Output


Similar Part No. - W29C020P-12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020P-12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com