Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78CE354E Datasheet(PDF) 2 Page - Winbond

Part # W78CE354E
Description  MONITOR MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78CE354E Datasheet(HTML) 2 Page - Winbond

  W78CE354E Datasheet HTML 1Page - Winbond W78CE354E Datasheet HTML 2Page - Winbond W78CE354E Datasheet HTML 3Page - Winbond W78CE354E Datasheet HTML 4Page - Winbond W78CE354E Datasheet HTML 5Page - Winbond W78CE354E Datasheet HTML 6Page - Winbond W78CE354E Datasheet HTML 7Page - Winbond W78CE354E Datasheet HTML 8Page - Winbond W78CE354E Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
W78C354
- 2 -
PIN CONFIGURATIONS
W78C/E354P (PLCC68)
SDAC10
10
14
13
12
11
16
15
17
21
20
19
18
23
22
24
26
25
60
56
57
58
59
54
55
53
49
50
51
52
47
48
46
44
45
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
61
62
63
64
65
66
67
68
1
2
3
4
5
6
7
8
9
SDAC11
P2.6
P2.7
OSCOUT
OSCIN
VSS
P2.0
P2.1
SDAC12
SDAC13
P2.2
P2.3, STP
P3.4, T0
P3.5, T1
HIN
VIN
H
O
U
T
V
O
U
T
B
S
D
A
C
0
B
S
D
A
C
1
P
3
.
0
,
R
X
D
P
3
.
1
,
T
X
D
/
R
S
T
V
S
S
V
S
S
A
A
D
C
0
A
D
C
1
V
A
A
A
D
C
2
,
P
1
.
6
A
D
C
3
,
P
1
.
7
N
C
P
3
.
2
,
I
N
T
0
P
3
.
6
P4.0
P4.1
P1.0, ISCL
P1.1, ISDA
P1.2, DSCL
DDAC1
DDAC2
BDDAC
SDAC0
P4.2
VPP
P4.3
DDAC0
(Only for W78E354P)
VDD
P1.5, SOA
P1.4, HCLAMP
P1.3, DSDA
P
3
.
3
S
D
A
C
1
S
D
A
C
2
P
4
.
4
S
D
A
C
3
S
D
A
C
4
P
3
.
7
V
D
D
P
4
.
5
P
4
.
6
S
D
A
C
5
S
D
A
C
6
S
D
A
C
7
S
D
A
C
8
S
D
A
C
9
P
2
.
4
P
2
.
5
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
42
43
44
45
46
38
39
40
41
34
35
36
37
29
30
31
32
33
SDAC4
SDAC3
SDAC2
SDAC1
P3.3
SDAC0
BDDAC
DDAC2
DDAC1
DDAC0
VPP
P1.3, DSDA
P1.4, HCLAMP
P1.5, SOA
P3.2, INT0
P3.6
P1.0, ISCL
P1.1, ISDA
P1.2, DSCL
SDAC5
SDAC7
P2.4, SDAC10
P2.0
OSCOUT
OSCIN
P2.1
P2.2
P2.3, STP
P3.4, T0
P3.5, T1
HIN
HOUT
VIN
VOUT
SDAC6
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
39
40
34
35
36
37
38
30
31
32
33
26
27
28
29
21
22
23
24
25
SDAC4
SDAC3
SDAC2
SDAD1
SDAD0
BDDAC
DDAC0
VPP
P1.5, SOA
P1.4, HCLAMP
P1.3, DSDA
P1.0, ISCL
P1.1, ISDA
P1.2, DSCL
P3.1, TXD
RST
ADC0
NC
P3.2, INT0
SDAC5
SDAC7
P2.4, SDAC10
P2.5, SDAC11
P2.6, SDAC12
P2.7, SDAC13
VSS
P2.0
OSCOUT
OSCIN
P2.1
P2.2
P2.3, STP
HIN
VIN
HOUT
BSDAC0
VOUT
P3.0, RXD
SDAC6
VSSA
ADC0
VAA
NC
BSDAC0
P3.1, TXD
P3.0, RXD
RST
21
22
23
24
28
27
26
25
P2.5, SDAC11
P2.6, SDAC12
P2.7, SDAC13
VSS
(Only for W78E354E)
(Only for W78E354)
W78C/E354E (DIP48)
W78C/E354 (DIP40)


Similar Part No. - W78CE354E

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78CE354E

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com