Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29C020P-70B Datasheet(PDF) 8 Page - Winbond

Part # W29C020P-70B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020P-70B Datasheet(HTML) 8 Page - Winbond

Back Button W29C020P-70B Datasheet HTML 4Page - Winbond W29C020P-70B Datasheet HTML 5Page - Winbond W29C020P-70B Datasheet HTML 6Page - Winbond W29C020P-70B Datasheet HTML 7Page - Winbond W29C020P-70B Datasheet HTML 8Page - Winbond W29C020P-70B Datasheet HTML 9Page - Winbond W29C020P-70B Datasheet HTML 10Page - Winbond W29C020P-70B Datasheet HTML 11Page - Winbond W29C020P-70B Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
W29C020
- 8 -
Command Codes for Product Identification and Boot Block Lockout Detection
BYTE
SEQUENCE
ALTERNATE PRODUCT (7)
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION/BOOT BLOCK
LOCKOUT DETECTION EXIT
ADDRESS
DATA
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555
AA
5555H
AAH
5555H
AAH
1 Write
2AAA
55
2AAAH
55H
2AAAH
55H
2 Write
5555
90
5555H
80H
5555H
F0H
3 Write
-
-
5555H
AAH
-
-
4 Write
-
-
2AAAH
55H
-
-
5 Write
-
-
5555H
60H
-
-
Pause 10
µS
Pause 10
µS
Pause 10
µS
Software Product Identification and Boot Block Lockout Detection Acquisition Flow
Product
Identification
Entry (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 60
to
address 5555
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = 45
Read address = 00002
data = FF/FE
(4)
Read address = 3FFF2
data = FF/FE
(5)
Product
Identification
Exit (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Pause 10 S
Normal Mode
(6)
(2)
(2)
Pause 10 S
µ
µ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
−DQ0 (Hex); Address Format: A14−A0 (Hex)
(2) A1
−A16 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block (address 0002 Hex/3FFF2 Hex respond to first 8K/last 8K) lockout detection mode if
power down.
(4), (5) If the output data is "FF Hex," the boot block programming lockout feature is activated; if the output data "FE Hex," the lockout feature is
inactivated and the block can be programmed.
(6) The device returns to standard operation mode.
(7) This product supports both the JEDEC standard 3 byte command code sequence and original 6 byte command code sequence. For new
designs, Winbond recommends that the 3 byte command code sequence be used.


Similar Part No. - W29C020P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com