Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MDL06050 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MDL06050
Description  1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MDL06050 Datasheet(HTML) 1 Page - RMT Ltd.

  1MDL06050 Datasheet HTML 1Page - RMT Ltd. 1MDL06050 Datasheet HTML 2Page - RMT Ltd. 1MDL06050 Datasheet HTML 3Page - RMT Ltd. 1MDL06050 Datasheet HTML 4Page - RMT Ltd. 1MDL06050 Datasheet HTML 5Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 5
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used as standard
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MDL06-050-XX
Performance data are given at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal wires
1. Pre-tinned Copper
2. Insulated Wires
3. Insulated Color Coded
4. Wire Bonding Pads
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
H2*
mm
h
mm
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-xx (N=50)
1MDL06-050-03
67
17.8
5.3
6.0
0.84
0.9
1.4
0.9
1MDL06-050-05
70
11.5
3.5
6.0
1.39
1.1
1.6
0.5
1MDL06-050-07
71
8.5
2.4
6.0
1.95
1.4
1.9
0.7
1MDL06-050-09
71
6.7
2.0
6.0
2.51
1.6
2.1
0.9
1MDL06-050-12
72
5.1
1.5
6.0
3.34
1.8
2.3
1.2
1MDL06-050-15
72
4.1
1.2
6.0
4.20
2.1
2.6
1.5
*Optional H2 value is specified for 0.5mm ceramics thickness


Similar Part No. - 1MDL06050

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MDL06050AN05 RMT-1MDL06050AN05 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MDL06050AN25 RMT-1MDL06050AN25 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MDL06050_T RMT-1MDL06050_T Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MDL06050

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MDL06068 RMT-1MDL06068 Datasheet
537Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06042 RMT-1MDL06042 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06052 RMT-1MDL06052 Datasheet
533Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06035 RMT-1MDL06035 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06024 RMT-1MDL06024 Datasheet
552Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
logo
List of Unclassifed Man...
HY-5610 ETC1-HY-5610 Datasheet
89Kb / 4P
   SUBMINIATURE CONTROLLER FOR THERMOELECTRIC COOLERS
logo
Hamamatsu Corporation
C4877 HAMAMATSU-C4877 Datasheet
244Kb / 4P
   High Performance Thermoelectric Coolers
C10372 HAMAMATSU-C10372 Datasheet
160Kb / 2P
   HIGH PERFORMANCE THERMOELECTRIC COOLERS
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
logo
XFMRS Inc.
XF0063-01 XFMRS-XF0063-01 Datasheet
44Kb / 2P
   COMMON MODE CHOKES FOR TELECOM APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com