Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM8430-2600RB3 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # MM8430-2600RB3
Description  Coaxial Connectors (Chip Type Receptacle)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MM8430-2600RB3 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  MM8430-2600RB3 Datasheet HTML 1Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o Part Numbering
(Part Number)
qProduct ID
wSeries
Coaxial Connectors (Chip Type Receptacle)
MM
Microwave Coaxial Connectors
(Chip Type Receptacle)
Product ID
SWD, GSC Type 1000pcs. /Reel (ø178mm)
HSC Type, 4000pcs. /Reel (ø178mm)
HSC Type, 10000pcs. /Reel (ø330mm)
SWD Type, 3000pcs. /Reel (ø330mm)
GSC Type, 5000pcs. /Reel (ø330mm)
SWF Type, 8000pcs. /Reel (ø330mm)
SWG, JSC Type, 10000pcs. /Reel (ø330mm)
yPackage Detail
A1
A4
B0
B3
B5
B8
K0
Code
Package Detail
Bulk
Reel
tPackage Product ID
B
R
Code
Package Product ID
HSC Type
JSC Type
SWG Type
SWF Type
SWD Type
GSC Type
4829
5829
8030
8130
8430
9329
Code
Series
eIndividual Specification Code (1)
Switch Connector SMD Type
Connector SMD Type
-26
-27
Code
Individual Specification Code (1)
rIndividual Specification Code (2)
Serial
00
Code
Individual Specification Code (2)
(Part Number)
qProduct ID
wConnector (1)
Coaxial Connectors (with Cable)
MX
Product ID
JSC Type
HSC Type
GSC Type
Coaxial Connectors (with Cable)
JA
HP
TK
Code
Connector (1)
eCable
0.4D, PFA, Single Shield Line, Spiral
0.4D, PFA, Single Shield Line, Spiral
0.4D, PFA, Single Shield Line, Spiral
01
32
92
Code
Cable
rConnector (2)
JSC Type
HSC Type
GSC Type
None Connector
JA
HP
TK
XX
Code
Connector (2)
tLength
yIndividual Specification Code
Expressed by two sign.
y
B8
e
-26
w
8130
r
00
t
R
q
MM
e
32
w
HP
r ty
q
MX
Expressed by four figures. The unit is mm. From first to third
figures are significant, and the fourth figure expresses the number
of zeros which follow the three figures.
5000
1001
Ex.)
500mm = 500 x 100
1000mm = 100 x 101
Code
Length


Similar Part No. - MM8430-2600RB3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MM8430-2610 MURATA-MM8430-2610 Datasheet
164Kb / 2P
   Operating Temperature Range
logo
Taiyo Yuden (U.S.A.), I...
MM8430-2610 TAIYO-YUDEN-MM8430-2610 Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
logo
Murata Manufacturing Co...
MM8430-2610 MURATA-MM8430-2610 Datasheet
106Kb / 3P
   Microwave Coaxial Connectors
More results

Similar Description - MM8430-2600RB3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JDAM-7W2P HIROSE-JDAM-7W2P Datasheet
241Kb / 6P
   JDM TYPE COAXIAL TERMINAL CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
   TNC Series Coaxial Connectors Dual Crimp Type
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Japan Aviation Electron...
FI-X20C-NPB JAE-FI-X20C-NPB Datasheet
118Kb / 1P
   COAXIAL TYPE
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
logo
List of Unclassifed Man...
122412 ETC2-122412 Datasheet
1Mb / 24P
   TNC COAXIAL CONNECTORS
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
DDK Ltd.
PSD DDK-PSD Datasheet
616Kb / 3P
   Small Coaxial Connectors?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com