Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0273.250V Datasheet(PDF) 1 Page - Littelfuse

Part # 0273.250V
Description  272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0273.250V Datasheet(HTML) 1 Page - Littelfuse

  0273.250V Datasheet HTML 1Page - Littelfuse 0273.250V Datasheet HTML 2Page - Littelfuse 0273.250V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: January 7, 2009
131
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
272/273/274/278/279 Series
Please refer to www.littelfuse.com/series/272.html, /273.html, /274.html,
/278.html or /279.html for current information.
MICRO™ > Very Fast-Acting > 272/273/274/278/279 Series
272/273/274/278/279 Series, MICRO™ Very Fast-Acting Fuse
Description
Developed originally for the U.S. Space Program,
MICRO™ fuse provides reliability in a compact design.
The MICRO™ fuse is available in plug–in or radial lead
styles and a complete range of ampere ratings from
1/500 to 5A to suit a wide variety of design needs.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
2mA - 5A
LR 29862
2mA - 5A
QPL
FM02
2mA - 5A
Features
Electrical Characteristics
Applications
QPL
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
1/500–5
4 Hours, Min.
200%
1/500–3/10
5 Seconds, Max.
4/10-5
2 Seconds, Max.
Ampere
Rating
(A)
Amp Code
(for all
above
series)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
QPL
.002
.002
125
10,000 amperes at
125 VAC/VDC.
2200
0.00000000845
XXX
.005
.005
125
280
0.00000000810
XXX
.010
.010
125
80.0
0.000000462
XXX
.015
.015
125
44.0
0.00000123
XXX
.031
.031
125
16.0
0.00000810
XXX
.050
.050
125
3.20
0.0000666
XXX
.062
.062
125
2.32
0.000115
XXX
.100
.100
125
1.25
0.000385
XXX
.125
.125
125
1.0
0.000691
XXX
.200
.200
125
2.30
0.00409
XXX
.250
.250
125
1.75
0.00640
XXX
.300
.300
125
1.25
0.00945
XXX
.400
.400
125
0.227
0.0251
XXX
.500
.500
125
0.167
0.0716
XXX
.600
.600
125
0.430
0.0411
XXX
.700
.700
125
0.324
0.0710
XXX
.750
.750
125
0.293
0.0900
XXX
.800
.800
125
0.271
0.113
XXX
1.00
001.
125
0.0880
0.0648
XXX
01.5
01.5
125
0.0578
0.160
XXX
2.00
002.
125
0.0425
0.300
XXX
3.00
003.
125
0.0275
0.759
XXX
4.00
004.
125
0.0202
1.38
XXX
5.00
005.
125
0.0156
2.21
XXX
Electrical Characteristics
Military grade available
High breaking capacity
Clear cover option to view
fuse element status
Available from very low
ampere of 2mA to 5A
Plug-in with short or long
leads option
Printed circuit boards
and similar equipment
Electronic components


Similar Part No. - 0273.250V

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0273 MILL-MAX-0273 Datasheet
322Kb / 1P
   PIN RECEPTACLES
0273-0-15-01-16-01-10-0 MILL-MAX-0273-0-15-01-16-01-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-01-16-27-10-0 MILL-MAX-0273-0-15-01-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-15-16-27-10-0 MILL-MAX-0273-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02730 ETC2-02730 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0273.250V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
   262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com