Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W742C81A Datasheet(PDF) 9 Page - Winbond

Part # W742C81A
Description  4-BIT MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W742C81A Datasheet(HTML) 9 Page - Winbond

Back Button W742C81A Datasheet HTML 5Page - Winbond W742C81A Datasheet HTML 6Page - Winbond W742C81A Datasheet HTML 7Page - Winbond W742C81A Datasheet HTML 8Page - Winbond W742C81A Datasheet HTML 9Page - Winbond W742C81A Datasheet HTML 10Page - Winbond W742C81A Datasheet HTML 11Page - Winbond W742C81A Datasheet HTML 12Page - Winbond W742C81A Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Preliminary W742E81A/W742C81A
Publication Release Date: April 2000
- 9 -
Revision A1
6.4
Data Memory (RAM)
6.4.1 Architecture
The static data memory (RAM) used to store data is arranged as 2048
× 4 bits. The data RAM is
divided into sixteen banks; each bank has 128
× 4 bits. Executing the MOV DBKR,WR or MOV
DBKR,#I instruction can determine which data bank is used. The data memory can be addressed
directly or indirectly. But the data bank must be confirmed firstly; and the page in the data bank will
be done in the indirect addressing mode, too. In indirect addressing mode, each data bank will be
divided into eight pages. Before the data memory is addressed indirectly, the page which the data
memory is in must be confirmed. The organization of the data memory is shown in Figure 6-2.
1st data bank
2048
addresses
000H
4 bits
2048 * 4 bits
:
07FH
080H
:
0FFH
2nd data bank
:
:
780H
:
7FFH
16th data bank
(or Working Registers bank)
00H
:
0FH
10H
:
1FH
20H
:
2FH
70H
:
7FH
:
:
1st data RAM page
(or 1st WR page)
2nd data RAM page
(or 2nd WR page)
8th data RAM page
(or 8th WR page)
3rd data RAM page
(or 3rd WR page)
(or Working Registers bank)
3rd data bank
Figure 6-2
Data Memory Organization
The 1st and 2nd data bank (00H to 7FH & 80H to FFH) in the data memory can also be used as the
working registers (WR). It is also divided into sixteen pages. Each page contains 16 working registers.
When one page is used as WR, the others can be used as the normal data memory. The WR page
can be switched by executing the MOV WRP,R or MOV WRP,#I instruction. The data memory cannot
operate directly with immediate data, but the WR can do. The relationship between data memory
locations and the page register (PAGE) in indirect addressing mode is described in the next sub-
section.
6.4.2 Page Register (PAGE)
The page register is organized as a 4-bit binary register. The bit descriptions are as follows:
R/W
R/W
R/W
0
1
2
3
PAGE
Note: R/W means read/write available.
Bit 3 is reserved.
Bit 2, Bit 1, Bit 0 Indirect addressing mode preselect bits:
000 = Page 0 (00H - 0FH)


Similar Part No. - W742C81A

ManufacturerPart #DatasheetDescription
logo
Winbond
W742C810 WINBOND-W742C810 Datasheet
501Kb / 42P
   4-BIT MICROCONTROLLER
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742C813 WINBOND-W742C813 Datasheet
455Kb / 56P
   4 BIT MICROCONTROLLER
W742C814 WINBOND-W742C814 Datasheet
704Kb / 46P
   4 BIT MICROCONTROLLER
W742C816 WINBOND-W742C816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
More results

Similar Description - W742C81A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com