Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0272.005V Datasheet(PDF) 2 Page - Littelfuse

Part # 0272.005V
Description  272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0272.005V Datasheet(HTML) 2 Page - Littelfuse

  0272.005V Datasheet HTML 1Page - Littelfuse 0272.005V Datasheet HTML 2Page - Littelfuse 0272.005V Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revised: January 7, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
132
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
272/273/274/278/279 Series
Please refer to www.littelfuse.com/series/272.html, /273.html, /274.html,
/278.html or /279.html for current information.
MICRO™ > Very Fast-Acting > 272/273/274/278/279 Series
Average Time Current Curves
100
10
1
0.1
0.01
0.001
1
10
100
0.01
0.1
0.005
CURRENT IN AMPERES
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 0272.005V

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0272 MILL-MAX-0272 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
logo
Lumberg
0272 LUMBERG-0272 Datasheet
458Kb / 3P
   Quicklock circular connectors, IP67
logo
Mill-Max Mfg. Corp.
0272-0-01-01-00-00-03-0 MILL-MAX-0272-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-15-00-00-03-0 MILL-MAX-0272-0-01-15-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-21-00-00-03-0 MILL-MAX-0272-0-01-21-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
More results

Similar Description - 0272.005V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
   262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com