Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0298560000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0298560000
Description  PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm짼, Pitch: 7.62 mm, No. of poles: 2, 180째, Box
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0298560000 Datasheet(HTML) 1 Page - Weidmuller

  0298560000 Datasheet HTML 1Page - Weidmuller 0298560000 Datasheet HTML 2Page - Weidmuller 0298560000 Datasheet HTML 3Page - Weidmuller 0298560000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB terminals | TOP screw connection | TOP 4GS/7.62 | TOP
4GS/180-7.62
- 1 -
General ordering data
Order No.
0298360000
Part designation
TOP4GS2/180 7.62 OR
Version
PCB terminal, TOP connection, Soldered
connection, Clamping range, max.: 6 mm², Pitch:
7.62 mm, No. of poles: 2, 180°, Box
EAN
4008190171575
Qty.
50 pc(s).
System parameters
Product family
System TOP4GS
Conductor connection system
TOP connection
Fitted to PCB
Soldered connection
Outgoing direction of conductor
180°
Pitch
7.62 mm
Pitch in inch
0.3 inch
No. of poles
2
Fitted by customer
no
No. of rows
1
Solder pin length
3.5 mm
Dia. of fitting hole
1.3 mm
Fitting hole tolerance
+ 0.1 mm
No. of solder pins per pole
2
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.5 Nm
Tightening torque, max.
0.6 Nm
Clamping screw
M 3
Stripping length
13 mm
L1 in mm
7.62 mm
L1 in inch
0.3 inch
Material data
Insulating material
PA
Colour
orange


Similar Part No. - 0298560000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0298500 LITTELFUSE-0298500 Datasheet
223Kb / 2P
   MEGA Fuse Rated 32V
0298500.ZXH LITTELFUSE-0298500.ZXH Datasheet
223Kb / 2P
   MEGA Fuse Rated 32V
More results

Similar Description - 0298560000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0391360000 WEIDMULLER-0391360000 Datasheet
101Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 3, 180째, Box
0393360000 WEIDMULLER-0393360000 Datasheet
102Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 2, 90째, Box
0393560000 WEIDMULLER-0393560000 Datasheet
103Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 4, 90째, Box
0393660000 WEIDMULLER-0393660000 Datasheet
103Kb / 4P
   PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm짼, Pitch: 7.62 mm, No. of poles: 5, 90째, Box
0478900000 WEIDMULLER-0478900000 Datasheet
88Kb / 4P
   PCB terminal, Clamping yoke connection, PCB terminal, Clamping yoke connection, mm짼, Pitch: 10.16 mm, No. of poles: 3, 180째, Box
1137870000 WEIDMULLER-1137870000 Datasheet
84Kb / 2P
   PCB terminal, No. of poles: , 90째, Solder pin length: 1.5 mm, tinned, black6 mm짼, Box
1137880000 WEIDMULLER-1137880000 Datasheet
89Kb / 2P
   PCB terminal, No. of poles: , 90째, Solder pin length: 1.5 mm, tinned, black6 mm짼, Box
1020200000 WEIDMULLER-1020200000 Datasheet
628Kb / 14P
   Feed-through terminal, Screw connection, 6 mm짼
September 30, 2021
7907400000 WEIDMULLER-7907400000 Datasheet
590Kb / 19P
   PE terminal, Tension-clamp connection, 6 mm짼
November 9, 2021
logo
Ralston Instruments.
NPAK-TRS0 RALSTON-NPAK-TRS0 Datasheet
558Kb / 1P
   Trap with no top connection, no bottom connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com