Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JF08R0R051020MA Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JF08R0R051020MA
Description  FFC Harness for High-speed Transmission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JF08R0R051020MA Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JF08R0R051020MA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JF08R0R051020MA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JF08R0R051020MA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JF08R0R051020MA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0251-1
O t b
2012
JF08 Series
FFC Harness for High-speed Transmission
October 2012
RoHS Compliant
JF08 Series
Recently there has been increasing demand for high-speed and high-capacity transmission in
devices as they become higher in performance. The JF08 Series connector harness is
excellent at carrying high-speed serial transmission such as LVDS and PCI-Express, and it is
also ideally suited for the next generation high-speed interface V-by-One®HS
also ideally suited for the next generation high speed interface, V by One®HS.
*V-by-One®HS is the trademark of THine Electronics, Inc.
■ Ct
ith FI RS i
t
Features
■ Can mate with FI-R Series connectors
■ Strong mechanical lock
■ Easy operability with ample mating guides and large side lock buttons
■ Ideally suited for the next generation high-speed transmission, V-by-One®HS
■ EMI control with shield layer on the FFCand metal shell on theconnector
co t o wt se d aye o te
C ad
eta se o te co
ecto
General Specification
■Number of Contacts: 41, 51 positions
■Rated Current: AC, DC each 0.3 Amps/contact
■Contact Resistance: Maximum 40M ohm
■Insulation Resistance: Minimum of 100M ohm
■Dielectric Withstanding Voltage: AC250Vr.m.s per minute
■Pitch: 0.5mm
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
1/4
■Operating Temperature: -40℃ ∼ +80℃
■Impedance
Connector: 100 ohm±15%
FFC: 100 ohm ±10%


Similar Part No. - JF08R0R051020MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JF08R0R021010XX ETC2-JF08R0R021010XX Datasheet
434Kb / 1P
   JAPAN AVIATION ELECTRONICS INDUSTRY, LTD
More results

Similar Description - JF08R0R051020MA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JF04 JAE-JF04 Datasheet
360Kb / 5P
   FFC Harness for High Speed Transmission
logo
Murata Manufacturing Co...
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
   High-speed Transmission Line
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
logo
Murata Manufacturing Co...
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
   High-speed Transmission Line
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
   USB3.0 High-speed Transmission Connector for Automotive
logo
Hirose Electric
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com