Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAM4SD16CA-CFU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM4SD16CA-CFU
Description  ARM-based Flash MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16CA-CFU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM4SD16CA-CFU Datasheet HTML 7Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 8Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 9Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 10Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 11Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 12Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 13Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 14Page - ATMEL Corporation ATSAM4SD16CA-CFU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
11
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Note:
1. Schmitt Triggers can be disabled through PIO registers.
2. Some PIO lines are shared with System I/Os.
3. Refer to USB Section of the product Electrical Characteristics for information on Pull-down value in USB Mode.
4. See “Typical Powering Schematics” Section for restrictions on voltage range of Analog Cells.
5. TDO pin is set in input mode when the Cortex-M4 Core is not in debug mode. Thus the internal pull-up corresponding to this
PIO line must be enabled to avoid current consumption due to floating input.
Two-Wire Interface- TWI
TWDx
TWIx Two-wire Serial Data
I/O
TWCKx
TWIx Two-wire Serial Clock
I/O
Analog
ADVREF
ADC, DAC and Analog Comparator
Reference
Analog
12-bit Analog-to-Digital Converter - ADC
AD0-AD14
Analog Inputs
Analog,
Digital
ADTRG
ADC Trigger
Input
VDDIO
12-bit Digital-to-Analog Converter - DAC
DAC0 - DAC1
Analog output
Analog,
Digital
DACTRG
DAC Trigger
Input
VDDIO
Fast Flash Programming Interface - FFPI
PGMEN0-
PGMEN2
Programming Enabling
Input
VDDIO
PGMM0-PGMM3
Programming Mode
Input
VDDIO
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
USB Full Speed Device
DDM
USB Full Speed Data -
Analog,
Digital
VDDIO
Reset State:
- USB Mode
- Internal Pull-down
(3)
DDP
USB Full Speed Data +
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments


Similar Part No. - ATSAM4SD16CA-CFU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4SD32BA-AU ATMEL-ATSAM4SD32BA-AU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32BA-MU ATMEL-ATSAM4SD32BA-MU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-AU ATMEL-ATSAM4SD32CA-AU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-CFU ATMEL-ATSAM4SD32CA-CFU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-CU ATMEL-ATSAM4SD32CA-CU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
More results

Similar Description - ATSAM4SD16CA-CFU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com