Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1736530000 Datasheet(PDF) 10 Page - Weidmuller

Part # 1736530000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1736530000 Datasheet(HTML) 10 Page - Weidmuller

Back Button 1736530000 Datasheet HTML 6Page - Weidmuller 1736530000 Datasheet HTML 7Page - Weidmuller 1736530000 Datasheet HTML 8Page - Weidmuller 1736530000 Datasheet HTML 9Page - Weidmuller 1736530000 Datasheet HTML 10Page - Weidmuller 1736530000 Datasheet HTML 11Page - Weidmuller 1736530000 Datasheet HTML 12Page - Weidmuller 1736530000 Datasheet HTML 13Page - Weidmuller 1736530000 Datasheet HTML 14Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Cable glands
53
Plastic cable glands with strain relief spiral cap
Cable Gland ADE 1F
Cable gland specially for moveable connections.; Approvals to
VDE and UL; halogen-free.
Reduced clamping range on request
EN 50262:
metric
For use in hazardous areas
EEx e II,
EEx d IIB,
EEx d II C ≤ 2000 cm3
These cable glands are certified in accordance with
LCIE 97ATEX6008X.
Technical data
Material:
Polyamide 6
Sealing:
Neoprene
Temperature:
-40°C...+70°C (peak 150°C)
Protection class:
IP 68 / 5 bar with GWDR
Colour:
similar grey RAL 7035 (on request 9005)
Technical data
Material:
Nickel plated brass (on request stainless steel)
Sealing:
Neoprene
Temperature:
-40 °C - 100 °C
Protection class:
IP 68 (10 bar)
ATEX available
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric.plastic-KV with strain relief spiral cap
VGM12-K68 SKS M 12 x 1.5
3.0 - 6.5
66.5
8
15
100
1776700000
VGM16-K68 SKS M 16 x 1.5
5.0 - 10.0
80
10
22
50
1776710000
VGM20-K68 SKS M 20 x 1.5
6.0 - 12.0
106
11
24
50
1778860000
VGM20-K68 SKS M 20 x 1.5
10.0 - 14.0
106
15
27
50
1776720000
VGM25-K68 SKS M 25 x 1.5
13.0 - 18.0
129
15
33
25
1776730000
PG plastic cable glands with strain relief spiral cap
VG 7-K68 SKS
PG 7
3.0 - 6.5
62
8
15
50
1720470000
VG 9-K68 SKS
PG 9
4.0 - 8.0
78
8
19
50
1720480000
VG 11-K68 SKS
PG 11
5.0 - 10.0
84
8
22
50
1720490000
VG 13.5-K68 SKS PG 13.5
6.0 - 12.0
105
9
24
50
1720500000
VG 16-K68 SKS
PG 16
10.0 - 14.0
117
10
27
25
1720510000
VG 21-K68 SKS
PG 21
13.0 - 18.0
130
11
33
20
1720520000
all sizes in mm
Ordering data
Type
Thread
Protecting cap Clamp range
LL1 SW1
SW2 Qty.
Cat. No.
Metric cable glands
VG ADE 1/M 12 Exe/d M 12 x 1.5
4
4.0 - 8.0
35
15
15
15
5
1736690000
VG ADE 1/M 16 Exe/d M 16 x 1.5
5
6.0 - 12.0
37
15
19
19
5
1736700000
VG ADE 1/M 20 Exe/d M 20 x 1.5
6
8.5 - 16.0
40
15
24
24
2
1736710000
VG ADE 1/M 25 Exe/d M 25 x 1.5
7
12.0 - 20.5
42
15
30
30
2
1736720000
VG ADE 1/M 32 Exe/d M 32 x 1.5
8
16.0 - 27.5
49
15
41
41
2
1736730000
VG ADE 1/M 40 Exe/d M 40 x 1.5
9
21.0 - 34.0
51
15
48
48
2
1736740000
VG ADE 1/M 50 Exe/d M 50 x 1.5
10
27.0 - 41.0
55
16
55
55
1
1736750000
VG ADE 1/M 63 Exe/d M 63 x 1.5
12
40.0 - 56.0
60
17
72
72
1
1736760000
VG ADE 1/M 75 Exe/d M 75 x 1.5
13
47.0 - 65.0
67
18
85
85
1
1736770000
VG ADE 1/M 80 Exe/d
M 80 x 2
14
54.0 - 73.0
76
20
95
95
1
1736780000
VG ADE 1/M 90 Exe/d
M 90 x 2
15
63.0 - 82.0
83
22 110
110
1
1736790000
VG ADE 1/M 100 Exe/d M 100 x 2
16
72.0 - 92.0
84
22 120
120
1
1736800000
all sizes in mm
T


Similar Part No. - 1736530000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173653 FESTO-173653 Datasheet
90Kb / 1P
   Pressure regulator
More results

Similar Description - 1736530000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com