Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM4SA16B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # SAM4SA16B
Description  ARM-based Flash MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SA16B Datasheet(HTML) 4 Page - ATMEL Corporation

  SAM4SA16B Datasheet HTML 1Page - ATMEL Corporation SAM4SA16B Datasheet HTML 2Page - ATMEL Corporation SAM4SA16B Datasheet HTML 3Page - ATMEL Corporation SAM4SA16B Datasheet HTML 4Page - ATMEL Corporation SAM4SA16B Datasheet HTML 5Page - ATMEL Corporation SAM4SA16B Datasheet HTML 6Page - ATMEL Corporation SAM4SA16B Datasheet HTML 7Page - ATMEL Corporation SAM4SA16B Datasheet HTML 8Page - ATMEL Corporation SAM4SA16B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
2.
Block Diagram
Figure 2-1.
SAM4S16/S8 Series 100-pin version Block Diagram
PLLA
System Controller
WDT
RTT
Osc 32 kHz
SUPC
RSTC
8 GPBREG
3-20 MHz
Osc
POR
RTC
RC 32 kHz
SM
RC Osc
12/8/4 MHz
I/D
S
MPU
N
V
I
C
4-layer AHB Bus Matrix Fmax 120 MHz
ADC Ch.
PLLB
PMC
PIOA / PIOB / PIOC
External Bus
Interface
D[7:0]
PIODC[7:0]
A[0:23]
A21/NANDALE
A22/NANDCLE
NCS0
NCS1
NCS2
NCS3
NRD
NWE
NANDOE
NANDWE
NWAIT
High Speed MCI
DATRG
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
PDC
DAC0
DAC1
Timer Counter B
Timer Counter A
TC[3..5]
TC[0..2]
TIOA[3:5]
TIOB[3:5]
TCLK[3:5]
AD[0..14]
RXD1
TXD1
USART1
USART0
UART1
UART0
SCK1
RTS1
CTS1
DSR1
DTR1
RI1
DCD1
NAND Flash
Logic
TWCK0
TWD0
TWD1
URXD0
UTXD0
URXD1
UTXD1
RXD0
TXD0
SCK0
RTS0
CTS0
TWCK1
ADVREF
TIOB[0:2]
TCLK[0:2]
PWMH[0:3]
PWML[0:3]
PWMFI0
ADTRG
TIOA[0:2]
TST
PCK0-PCK2
XIN
NRST
VDDCORE
XOUT
RTCOUT0
RTCOUT1
XIN32
XOUT32
ERASE
VDDPLL
VDDIO
12-bit DAC
Temp. Sensor
PWM
12-bit ADC
TWI0
TWI1
SPI
SSC
PIO
Static Memory
Controller
Analog
Comparator
CRC Unit
Peripheral
Bridge
2668
Bytes
FIFO
USB 2.0
Full
Speed
NPCS0
PIODCCLK
PIODCEN1
PIODCEN2
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
MCDA[0..3]
MCCDA
MCCK
TF
TK
TD
RD
RK
RF
DDP
DDM
ADVREF
ROM
16 Kbytes
FLASH
1024 Kbytes
512 Kbytes
Flash
Unique
Identifier
User
Signature
Voltage
Regulator
Cortex M-4 Processor
Fmax 120 MHz
In-Circuit Emulator
JTAG & Serial Wire
24-Bit
SysTick Counter
DSP
SRAM
128 Kbytes


Similar Part No. - SAM4SA16B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4S ATMEL-SAM4S Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
More results

Similar Description - SAM4SA16B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com