Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM861M-L Datasheet(PDF) 1 Page - Apollo Electron Co., Ltd.

Part # TM861M-L
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

TM861M-L Datasheet(HTML) 1 Page - Apollo Electron Co., Ltd.

  TM861M-L Datasheet HTML 1Page - Apollo Electron Co., Ltd. TM861M-L Datasheet HTML 2Page - Apollo Electron Co., Ltd. TM861M-L Datasheet HTML 3Page - Apollo Electron Co., Ltd. TM861M-L Datasheet HTML 4Page - Apollo Electron Co., Ltd. TM861M-L Datasheet HTML 5Page - Apollo Electron Co., Ltd. TM861M-L Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
3
Absolute Maximum Ratings ( Tj = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
Since wave, 50 to 60Hz
800
V
IT(RMS)
R.M.S On-State Current
Tj = 125°C , Full Sine wave
8.0
A
ITSM
Surge On-State Current
One Cycle, 50Hz/60Hz, Peak,
Non-Repetitive
80/84
A
I2t
I2t
tp=10ms
32
A2s
PG(AV)
Average Gate Power Dissipation
Tj=125 °C
1
W
IGM
Peak Gate Current
Tj=125 °C
2
A
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
July, 2010. Rev.2
1/6
TF8A80
Standard Triac
IT(RMS) = 8 A
ITSM = 84A
VDRM = 800V
Features
Repetitive Peak Off-State Voltage : 800V
R.M.S On-State Current ( IT(RMS)=8 A )
High Commutation dv/dt
General Description
This device is fully isolated p ackage suitable for AC switching application, phase control application
such as fan speed and temperature modulation control, lighting control and static switching relay.
TO-220F
copyright @ Apollo Electron Co., Ltd. All rights reserved.
2.T2
3.Gate
1.T1
Symbol
▼▲
This device may substitute for BTA08-600, BTB08-600, BT137-600, BCR8PM-12, TM861M/S-L series.


Similar Part No. - TM861M-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM861M-L SANKEN-TM861M-L Datasheet
58Kb / 2P
   TO-220 8A Triac
More results

Similar Description - TM861M-L

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
   STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com