Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0271900000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0271900000
Description  Modular terminal, accessories, End plate with end bracket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0271900000 Datasheet(HTML) 1 Page - Weidmuller

  0271900000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Visual separation /
side covers | EP end clamp plates
- 1 -
General ordering data
Order No.
0271800000
Part designation
EP 1/BW SAKG28/32 HP/DB
Version
Modular terminal, accessories, End plate with end
bracket
EAN
4008190046934
Qty.
10 pc(s).
Additional technical data
Explosion-tested version "Ex e"
No
UL 94 flammability rating of insulation material
V2
Dimensions
Width
75.5 mm
Height of lowest version
75.5 mm
Length
120 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC001041
ETIM 3.0
EC001041
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-45
eClass 5.1
27-14-11-45
Similar products
Order No.
Part designation
Version
1381600000
EP 1/BW SAKG32/35 HP/DB
Modular terminal, accessories, End plate with end bracket
0271900000
EP 2/BW SAKG46/32 HP/DB
Modular terminal, accessories, End plate with end bracket
0182000000
EP 2/BW SAKG46/35 HP/DBR
Modular terminal, accessories, end plate and intermediate plate,
beige, 10 mm


Similar Part No. - 0271900000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271900000 WEIDMULLER-0271900000 Datasheet
50Kb / 1P
   Modular terminal, accessories, End plate with end bracket
More results

Similar Description - 0271900000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271900000 WEIDMULLER-0271900000 Datasheet
50Kb / 1P
   Modular terminal, accessories, End plate with end bracket
0210800000 WEIDMULLER-0210800000 Datasheet
56Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige
0485200000 WEIDMULLER-0485200000 Datasheet
47Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, transparent
0297700000 WEIDMULLER-0297700000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, yellow
0326760000 WEIDMULLER-0326760000 Datasheet
53Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 30 mm
7920340000 WEIDMULLER-7920340000 Datasheet
251Kb / 5P
   Accessories, End bracket
November 9, 2021
0326660000 WEIDMULLER-0326660000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
0485760000 WEIDMULLER-0485760000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 3 mm
0326860000 WEIDMULLER-0326860000 Datasheet
48Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 38 mm
0258360000 WEIDMULLER-0258360000 Datasheet
49Kb / 1P
   Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com