Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W741C20X Datasheet(PDF) 4 Page - Winbond

Part # W741C20X
Description  4-BIT MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741C20X Datasheet(HTML) 4 Page - Winbond

  W741C20X Datasheet HTML 1Page - Winbond W741C20X Datasheet HTML 2Page - Winbond W741C20X Datasheet HTML 3Page - Winbond W741C20X Datasheet HTML 4Page - Winbond W741C20X Datasheet HTML 5Page - Winbond W741C20X Datasheet HTML 6Page - Winbond W741C20X Datasheet HTML 7Page - Winbond W741C20X Datasheet HTML 8Page - Winbond W741C20X Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Preliminary W741C20X
- 4 -
PIN DESCRIPTION
SYMBOL
I/O
FUNCTION
XIN
I
Input pin for oscillator.
Connected to crystal or resistor to generate system clock by code option.
XOUT
O
Output pin for oscillator.
Connected to crystal or resistor to generate system clock by code option.
RA0
−RA3
I/O
Input/Output port. Input/output mode specified by port mode 1 register
(PM1). When used as output port, can provide high sink current for
driving LED.
RB0
−RB3
I/O
Input/Output port. Input/output mode specified by port mode 2 register
(PM2). When used as output port, can provide high sink current for
driving LED.
RC0
−RC3
I/O
Input/Output port. Input/output mode specified by port mode 4 register
(PM4). Each pin has an independent interrupt capability in input mode.
RD0
−RD3
I/O
Input/Output port. Input/output mode specified by port mode 5 register
(PM5).
RE0/DOUT
RE1/CLKO
RE2/DIN
RE3/CLKI
I/O
Special input/output port.
This port can be configured by software to act as the output of internal
port RT or the serial I/O port. When used as output port, can provide high
sink current for driving LED.
MFP
O
Output pin only.
This pin can output modulating or nonmodulating frequency, or Timer 1
clock output specified by mode register 1 (MR1).
INT
I
External interrupt pin with pull-high resistor.
RES
I
System reset pin with pull-high resistor.
VDD
I
Positive power supply (+).
VSS
I
Negative power supply (-).


Similar Part No. - W741C20X

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C260 WINBOND-W741C260 Datasheet
488Kb / 92P
   4-BIT MICROCONTROLLER
More results

Similar Description - W741C20X

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com