Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12-600 Datasheet(PDF) 3 Page - Apollo Electron Co., Ltd.

Part # BTB12-600
Description  Standard Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

BTB12-600 Datasheet(HTML) 3 Page - Apollo Electron Co., Ltd.

  BTB12-600 Datasheet HTML 1Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 2Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 3Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 4Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 5Page - Apollo Electron Co., Ltd. BTB12-600 Datasheet HTML 6Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
TF12A80
-50
0
50
100
150
0.1
1
10
V
+
GT1
V
_
GT1
V
_
GT3
Junction Temperature [
oC]
10
0
10
1
10
2
0
50
100
150
200
60Hz
50Hz
Time (cycles)
0
2
4
6
8
10
12
14
70
80
90
100
110
120
130
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
024
68
10
12
14
0
2
4
6
8
10
12
14
16
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
0
10
1
10
2
T
J = 125
oC
T
J = 25
oC
On-State Voltage [V]
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
Fig 3. On State Current vs.
Maximum Power Dissipation
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Surge On-State Current Rating
( Non-Repetitive )
Fig 6. Gate Trigger Voltage vs.
Junction Temperature
θ
θ
2
π
360°
π
θ : Conduction Angle
θ
θ
2
π
360°
π
θ : Conduction Angle
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD (0.2V)
25
P
G(AV) (1W)
P
GM (5W)
V
GM (10V)
Gate Current [mA]


Similar Part No. - BTB12-600

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BTB12-600 JIANGSU-BTB12-600 Datasheet
605Kb / 3P
   TO-220-3L Plastic-Encapsulate ThyristorS
logo
STMicroelectronics
BTB12-600B STMICROELECTRONICS-BTB12-600B Datasheet
116Kb / 7P
   12A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTB12-600B JIEJIE-BTB12-600B Datasheet
514Kb / 5P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-600B KERSEMI-BTB12-600B Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600B ISC-BTB12-600B Datasheet
107Kb / 1P
   With TO-220AB non insulated package
More results

Similar Description - BTB12-600

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
   Standard Triac
TF16A60 APOLLOELECTRON-TF16A60 Datasheet
2Mb / 6P
   Standard Triac
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB04-600SL STMICROELECTRONICS-BTB04-600SL Datasheet
69Kb / 5P
   STANDARD 4A TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com