Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W6692 Datasheet(PDF) 11 Page - Winbond

Part # W6692
Description  PCI Bus ISDN S/T-Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6692 Datasheet(HTML) 11 Page - Winbond

Back Button W6692 Datasheet HTML 7Page - Winbond W6692 Datasheet HTML 8Page - Winbond W6692 Datasheet HTML 9Page - Winbond W6692 Datasheet HTML 10Page - Winbond W6692 Datasheet HTML 11Page - Winbond W6692 Datasheet HTML 12Page - Winbond W6692 Datasheet HTML 13Page - Winbond W6692 Datasheet HTML 14Page - Winbond W6692 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Preliminary Data Sheet
W6692 PCI ISDN S/T-Controller
Publication Release Date:
Sep 30, 1999
Revision 0.9
-11 -
W6692
ISDN-PCI
1 2 3
7
4 5 6
1
1
8 9
1
0
1
3
1
2
1
7
1
4
1
5
1
6
1
8
1
9
2
0
2
1
2
2
2
3
2
4
2
5
2
6
2
7
2
8
2
9
3
0
5
8
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
5
1
5
2
5
3
5
4
5
5
5
6
5
7
6
0
5
9
6
1
8
0
6
2
6
3
6
4
6
5
6
6
6
7
6
8
6
9
7
0
7
1
7
2
7
3
7
4
7
5
7
6
7
7
7
8
7
9
81
88
82
83
84
85
86
87
89
100
90
91
92
93
94
95
96
97
98
99
I
O
3
/
X
A
D
3
X
T
A
L
2
I
O
6
/
X
A
D
6
W
R
#
V
D
D
D
C
S
#
T
O
U
T
2
V
D
D
D
V
S
S
D
V
D
D
B
V
S
S
B
CLK
VDDB
VSSB
VDDD
VSSD
VSSB
RD#
AD7
AD6
VSSB
AD5
VDDB
AD3
AD2
AD4
V
D
D
D
V
S
S
D
X
T
A
L
1
P
F
C
K
1
P
B
C
K
T
E
S
T
P
P
F
C
K
2
AD0
AD1
I
O
8
/
X
A
L
E
P
T
X
D
D
D
D
U
V
S
S
D
S
X
1
S
X
2
P
R
X
D
V
D
D
A
X
I
N
T
I
N
1
X
I
N
T
I
N
0
RST#
F
S
C
VDDB
I
O
2
/
X
A
D
2
I
O
1
/
X
A
D
1
I
O
0
/
X
A
D
0
I
O
4
/
X
A
D
4
I
O
5
/
X
A
D
5
I
O
7
/
X
A
D
7
SR1
VSSA
SR2
D
C
L
I
O
9
/
X
R
D
B
I
O
1
0
/
X
W
R
B
I
N
T
#
A
L
E
FIG.3.2 W6692 PIN CONFIGURATION - INTEL BUS MODE


Similar Part No. - W6692

ManufacturerPart #DatasheetDescription
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
W66910CD WINBOND-W66910CD Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
W6691CD WINBOND-W6691CD Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
W6691CP WINBOND-W6691CP Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
More results

Similar Description - W6692

ManufacturerPart #DatasheetDescription
logo
Winbond
W6694 WINBOND-W6694 Datasheet
472Kb / 33P
   USB Bus ISDN S/T-Controller
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
   ISDN S/T-PCI TRANSCEIVER
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Applied Micro Circuits ...
S5335 AMCC-S5335 Datasheet
2Mb / 189P
   PCI Bus Controller, 3.3V
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com