Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW8185R Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW8185R
Description  19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW8185R Datasheet(HTML) 2 Page - Motorola, Inc

  MHW8185R Datasheet HTML 1Page - Motorola, Inc MHW8185R Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MHW8185R
2
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 714Y–03
ISSUE D
2
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
15
8 9
–Z–
–F–
J
B
S
–A–
R
V
Q 2 PL
M
F
M
0.25 (0.010)
A M
T
M
A
M
0.51 (0.020)
T
–T–
N
G
U
X
C
–E–
L
M
A
M
0.25 (0.010)
Z
D 7 PL
T
Y 2 PL
M
A
M
0.25 (0.010)
Z T
6–32UNC–2B
2 PL
W
P
K
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.775
45.08
INCHES
B
1.085
27.56
C
––––
0.840
––––
21.34
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
L
0.152
0.400 BSC
3.85
10.16 BSC
N
1.00 BSC
25.40 BSC
P
0.165 BSC
4.19 BSC
Q
0.100 BSC
2.54 BSC
R
––––
0.600
––––
15.24
S
0.163
4.15
U
1.500 BSC
38.10 BSC
V
0.435
0.450
11.05
11.43
––––
––––
––––
––––
0.315
0.355
8.00
8.50
0.148
0.168
3.76
4.27
0.200 BSC
5.08 BSC
W
X
Y
–––
0.250
–––
6.35
37
STYLE 2:
PIN 1. RF OUTPUT
2. GROUND
3. GROUND
4. DELETED
5. VDC
6. DELETED
7. GROUND
8. GROUND
9. RF INPUT
X
–X–
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MHW8185R/D


Similar Part No. - MHW8185R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
   19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8185D MOTOROLA-MHW8185D Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
MHW8185L MOTOROLA-MHW8185L Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
More results

Similar Description - MHW8185R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
   19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
   24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272 MOTOROLA-MHW8272 Datasheet
60Kb / 2P
   27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8272A MOTOROLA-MHW8272A Datasheet
54Kb / 2P
   27 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8205 MOTOROLA-MHW8205 Datasheet
55Kb / 2P
   20.2 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242 MOTOROLA-MHW8242 Datasheet
46Kb / 2P
   24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8292 MOTOROLA-MHW8292 Datasheet
60Kb / 2P
   29 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
Freescale Semiconductor...
MHW7185CN FREESCALE-MHW7185CN Datasheet
72Kb / 4P
   750 MHz CATV 19.4 dB GAIN 110-CHANNEL Amplifier Module
MHW9182CN FREESCALE-MHW9182CN Datasheet
71Kb / 5P
   1000 MHz 19.4 dB GAIN 152-CHANNEL CATV AMPLIFIER MODULE
logo
Motorola, Inc
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
   128-Channel 860 MHz CATV Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com