Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0271060000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0271060000
Description  Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0271060000 Datasheet(HTML) 3 Page - Weidmuller

  0271060000 Datasheet HTML 1Page - Weidmuller 0271060000 Datasheet HTML 2Page - Weidmuller 0271060000 Datasheet HTML 3Page - Weidmuller 0271060000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 32 | Polyamide PA 6.6 |
Modular feed-through terminals | 16 mm²
- 3 -
Dimensions
Width
12 mm
Height of lowest version
57.5 mm
Length
50 mm
TS 32 offset
25 mm
Rating data
Rated cross-section
16 mm²
Rated voltage
1,000 V
Rated impulse voltage
8 kV
Rated current
76 A
Standards
IEC 60947-7-1
Current with max. conductor
76 A
Pollution severity
3
UL rating data
Voltage (UL)
600 V
Current (UL)
80 A
Min. cross-section (UL)
AWG 12
Max. cross-section (UL)
AWG 4
Approvals
Approvals institutes
Downloads
DXF
04038_SAK_16_DXF.dxf
STEP
0271060000_04038_SAK_16_STP.stp
Classifications
ETIM 2.0
EC000897
ETIM 3.0
EC000897
eClass 4.1
27-14-11-20
eClass 5.0
27-14-11-20
eClass 5.1
27-14-11-20


Similar Part No. - 0271060000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271060000 WEIDMULLER-0271060000 Datasheet
1Mb / 52P
   SAK-series
0271060000 WEIDMULLER-0271060000 Datasheet
81Kb / 3P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, blue, TS 32
More results

Similar Description - 0271060000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0271080000 WEIDMULLER-0271080000 Datasheet
81Kb / 3P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, blue, TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0467960000 WEIDMULLER-0467960000 Datasheet
60Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0210160000 WEIDMULLER-0210160000 Datasheet
71Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, PA 66, beige, TS 32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com