Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0330620000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0330620000
Description  Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0330620000 Datasheet(HTML) 3 Page - Weidmuller

  0330620000 Datasheet HTML 1Page - Weidmuller 0330620000 Datasheet HTML 2Page - Weidmuller 0330620000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 32 | Germin KrG | Modular
disconnect test terminals | 6 mm²
- 3 -
UL rating data
Voltage (UL)
300 V
Current (UL)
25 A
Min. cross-section (UL)
AWG 22
Max. cross-section (UL)
AWG 8
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000902
ETIM 3.0
EC000902
eClass 4.1
27-14-11-26
eClass 5.0
27-14-11-26
eClass 5.1
27-14-11-26
Similar products
Order No.
Part designation
Version
0195620000
SAKT 1/DU1
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0550420000
SAKT 1/DU2
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0437920000
SAKT 1/LT STB14/4
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0269320000
SAKT 1/QT1
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0437720000
SAKT 2/LT 4STB
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0445420000
SAKT 2/LT O.STB
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32
0330620000
SAKT 2/LT STB
Disconnect and modular disconnect terminal, 6 mm², Screw
connection, KrG, Medium yellow, TS 32


Similar Part No. - 0330620000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0330620000 WEIDMULLER-0330620000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
0330620000 WEIDMULLER-0330620000 Datasheet
521Kb / 1P
   Disconnect Terminals
More results

Similar Description - 0330620000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0269320000 WEIDMULLER-0269320000 Datasheet
60Kb / 3P
   Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
0254120000 WEIDMULLER-0254120000 Datasheet
65Kb / 3P
   Disconnect and modular disconnect terminal, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0310320000 WEIDMULLER-0310320000 Datasheet
63Kb / 3P
   Disconnect and modular disconnect terminal, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0324120000 WEIDMULLER-0324120000 Datasheet
62Kb / 3P
   Disconnect and modular disconnect terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0206820000 WEIDMULLER-0206820000 Datasheet
88Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0321320000 WEIDMULLER-0321320000 Datasheet
70Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0270320000 WEIDMULLER-0270320000 Datasheet
58Kb / 2P
   Feed-through terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0271020000 WEIDMULLER-0271020000 Datasheet
84Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, KrG, Medium yellow, TS 32
0334520000 WEIDMULLER-0334520000 Datasheet
67Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0225820000 WEIDMULLER-0225820000 Datasheet
59Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 35
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com