Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0195620000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0195620000
Description  Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0195620000 Datasheet(HTML) 2 Page - Weidmuller

  0195620000 Datasheet HTML 1Page - Weidmuller 0195620000 Datasheet HTML 2Page - Weidmuller 0195620000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 32 | Germin KrG | Modular
disconnect test terminals | 6 mm²
- 2 -
Conductors for clamping (additional
connection)
Flexible with ferrule, min. (DIN 46228 pt 1)
0.5 mm²
Flexible with ferrule, max. (DIN 46228 pt 1)
6 mm²
Conductors for clamping (rated connection)
Clamping range, min.
0.13 mm²
Clamping range, max.
10 mm²
Type of connection
Screw connection
2nd type of connection
screwed
Connection direction
on side
No. of connections
2
Stripping length
12 mm
Clamping screw
M 3.5
Blade size
4.0 x 0.8 mm
Tightening torque range
0.8...1.6 Nm
Torque level with DMS electric screwdriver
3
Gauge to IEC 60947-1
A5
Solid, min.
0.5 mm²
Solid, max.
10 mm²
Stranded, min.
1.5 mm²
Stranded, max.
10 mm²
Flexible, min.
0.5 mm²
Flexible, max.
6 mm²
Flexible with ferrule, min. (DIN 46228/1)
0.5 mm²
Flexible with ferrule, max. (DIN 46228/1)
6 mm²
AWG conductor size, min.
AWG 26
AWG conductor size, max.
AWG 8
AWG conductor size, min.
0.13 mm²
AWG conductor size, max.
8.37 mm²
Dimensions
Width
8 mm
Height of lowest version
52.5 mm
Length
65 mm
TS 32 offset
32.5 mm
Disconnect terminals
Cross-disconnect
without
Integral test socket
No
Slitting
sliding
Torque level with DMS electric screwdriver
3
Rating data
Rated cross-section
6 mm²
Rated voltage
400 V
Rated impulse voltage
6 kV
Rated current
41 A
Standards
IEC 60947-7-1
Current with max. conductor
57 A
Pollution severity
3


Similar Part No. - 0195620000

ManufacturerPart #DatasheetDescription
logo
Heyco.
0195 HEYCO-0195 Datasheet
130Kb / 1P
   Original Strain Relief Bushing Air Tool, Air Tool Jaws & Replacement Parts
logo
STEGO Elektrotechnik Gm...
01950.0-00 STEGO-01950.0-00 Datasheet
1Mb / 1P
   HIGH-PERFORMANCE 19" FAN TRAY
27.08.2021
01950.1-00 STEGO-01950.1-00 Datasheet
1Mb / 1P
   HIGH-PERFORMANCE 19" FAN TRAY
27.08.2021
logo
General Cable Technolog...
01950.70.01 GENERAL-01950.70.01 Datasheet
79Kb / 1P
   3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
logo
STEGO Elektrotechnik Gm...
01951.0-00 STEGO-01951.0-00 Datasheet
1Mb / 1P
   HIGH-PERFORMANCE 19" FAN TRAY
27.08.2021
More results

Similar Description - 0195620000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0269320000 WEIDMULLER-0269320000 Datasheet
60Kb / 3P
   Disconnect and modular disconnect terminal, 6 mm짼, Screw connection, KrG, Medium yellow, TS 32
0254120000 WEIDMULLER-0254120000 Datasheet
65Kb / 3P
   Disconnect and modular disconnect terminal, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0310320000 WEIDMULLER-0310320000 Datasheet
63Kb / 3P
   Disconnect and modular disconnect terminal, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0324120000 WEIDMULLER-0324120000 Datasheet
62Kb / 3P
   Disconnect and modular disconnect terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0206820000 WEIDMULLER-0206820000 Datasheet
88Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0321320000 WEIDMULLER-0321320000 Datasheet
70Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0270320000 WEIDMULLER-0270320000 Datasheet
58Kb / 2P
   Feed-through terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0271020000 WEIDMULLER-0271020000 Datasheet
84Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, KrG, Medium yellow, TS 32
0334520000 WEIDMULLER-0334520000 Datasheet
67Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, KrG, Medium yellow, TS 32
0225820000 WEIDMULLER-0225820000 Datasheet
59Kb / 3P
   Fuse terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 35
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com