Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29EE011P90B Datasheet(PDF) 11 Page - Winbond

Part # W29EE011P90B
Description  128K X 8 CMOS FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE011P90B Datasheet(HTML) 11 Page - Winbond

Back Button W29EE011P90B Datasheet HTML 7Page - Winbond W29EE011P90B Datasheet HTML 8Page - Winbond W29EE011P90B Datasheet HTML 9Page - Winbond W29EE011P90B Datasheet HTML 10Page - Winbond W29EE011P90B Datasheet HTML 11Page - Winbond W29EE011P90B Datasheet HTML 12Page - Winbond W29EE011P90B Datasheet HTML 13Page - Winbond W29EE011P90B Datasheet HTML 14Page - Winbond W29EE011P90B Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
W29EE011
Publication Release Date: July 1999
- 11 -
Revision A12
Read Cycle Timing Parameters
(VCC = 5.0V
±10%, VCC = 5.0 ±5% for 70 nS, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
W29EE011-90
W29EE011-15
UNIT
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
90
-
150
-
nS
Chip Enable Access Time
TCE
-
90
-
150
nS
Address Access Time
TAA
-
90
-
150
nS
Output Enable Access Time
TOE
-
45
-
70
nS
CE
Low to Active Output
TCLZ
0
-
0
-
nS
OE
Low to Active Output
TOLZ
0
-
0
-
nS
CE
High to High-Z Output
TCHZ
-
45
-
45
nS
OE
High to High-Z Output
TOHZ
-
45
-
45
nS
Output Hold from Address Change
TOH
0
-
0
-
nS
Byte/Page-write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Write Cycle (Erase and Program)
TWC
-
-
10
mS
Address Setup Time
TAS
0
-
-
nS
Address Hold Time
TAH
50
-
-
nS
WE and CE Setup Time
TCS
0
-
-
nS
WE and CE Hold Time
TCH
0
-
-
nS
OE High Setup Time
TOES
10
-
-
nS
OE High Hold Time
TOEH
10
-
-
nS
CE Pulse Width
TCP
70
-
-
nS
WE Pulse Width
TWP
70
-
-
nS
WE High Width
TWPH
150
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
10
-
-
nS
Byte Load Cycle Time
TBLC
0.22
-
200
µS
Byte Load Cycle Time-out
TBLCO
300
-
-
µS
Note: All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is VIH and (b) low level signal's reference level is VIL.


Similar Part No. - W29EE011P90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE011P90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com