Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49L201S-90 Datasheet(PDF) 9 Page - Winbond

Part # W49L201S-90
Description  256K X 8 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49L201S-90 Datasheet(HTML) 9 Page - Winbond

Back Button W49L201S-90 Datasheet HTML 5Page - Winbond W49L201S-90 Datasheet HTML 6Page - Winbond W49L201S-90 Datasheet HTML 7Page - Winbond W49L201S-90 Datasheet HTML 8Page - Winbond W49L201S-90 Datasheet HTML 9Page - Winbond W49L201S-90 Datasheet HTML 10Page - Winbond W49L201S-90 Datasheet HTML 11Page - Winbond W49L201S-90 Datasheet HTML 12Page - Winbond W49L201S-90 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Preliminary W49L201
Publication Release Date: May 2000
- 9 -
Revision A1
Command Codes for Sector Erase
BYTE SEQUENCE
ADDRESS
DATA
1 Write
5555H
AAH
2 Write
2AAAH
55H
3 Write
5555H
80H
4 Write
5555H
AAH
5 Write
2AAAH
55H
6 Write
SA*
30H
Pause TEC
Sector Erase Acquisition Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 30
to
address SA*
Exit
Pause T EC
Notes for chip erase:
Data Format: DQ15-DQ8: Don't Care; DQ7
−DQ0 (Hex)
Address Format: A14
−A0 (Hex)
A16 - A12 = 00011, for 8Kword Parameter Block1 (Sector-1)
A16 - A12 = 00101, for 8Kword Parameter Block2 (Sector-2)
A16 - A12 = 11111,
- for 104Kword Main Memory Block when Boot Block lockout feature is activated.
- for 104Kword Main Memory Block and 8Kword Boot Block when Boot Block lockout feature is inactivated.


Similar Part No. - W49L201S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W49L102P-55 WINBOND-W49L102P-55 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W49L102P-55B WINBOND-W49L102P-55B Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W49L102P-70 WINBOND-W49L102P-70 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W49L102P-70B WINBOND-W49L102P-70B Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
More results

Similar Description - W49L201S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com