Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744043221 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744043221
Description  POWER-CHOKE WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744043221 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744043221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744043221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744043221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bezeichnung :
description :
CZ
10-08-01
ME
09-01-15
MST
08-04-11
SST
05-04-20
Name
Datum / date
Spezifikation für Freigabe / specification for release
Freigabe erteilt / general release:
Kontrolliert / approved
Kunde / customer :
DATUM / DATE : 2010-08-01
Artikelnummer / part number :
744043221
Würth Elektronik
Kunde / customer
..................................................................................
..................................................................................
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
H Induktivitätskurve / Inductance curve :
Version 4
Version 5
Änderung / modification
Version 1 - preliminary
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Datum / date
Unterschrift / signature
Version 6
http://www.we-online.com
..................................................................................
..................................................................................
Geprüft / checked
0,00
50,00
100,00
150,00
200,00
250,00
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0,35
0,40
0,45
Current (A)
Induktivität vs Strom (typ.) /
Inductance vs Current (typ.)
SEITE 2 VON 3


Similar Part No. - 744043221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744043220 WURTH-744043220 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
logo
Kinetic Technologies.
744043220 KINETIC-744043220 Datasheet
698Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
November 2016 - Revision 04a
744043220 KINETIC-744043220 Datasheet
520Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
May 2019 - Revision 04a
744043220 KINETIC-744043220 Datasheet
638Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
April 2015
More results

Similar Description - 744043221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74402800011 WURTH-74402800011 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744025003 WURTH-744025003 Datasheet
133Kb / 3P
   POWER-CHOKE WE-TPC
744031001 WURTH-744031001 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744029003 WURTH-744029003 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744062150 WURTH-744062150 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
744066100 WURTH-744066100 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
744053004 WURTH-744053004 Datasheet
219Kb / 3P
   POWER-CHOKE WE-TPC
744053270 WURTH-744053270 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744066151 WURTH-744066151 Datasheet
115Kb / 3P
   POWER-CHOKE WE-TPC
744043003 WURTH-744043003 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744043008 WURTH-744043008 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com