Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29EE512P-70B Datasheet(PDF) 9 Page - Winbond

Part # W29EE512P-70B
Description  64K X 8 CMOS FLASH MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE512P-70B Datasheet(HTML) 9 Page - Winbond

Back Button W29EE512P-70B Datasheet HTML 5Page - Winbond W29EE512P-70B Datasheet HTML 6Page - Winbond W29EE512P-70B Datasheet HTML 7Page - Winbond W29EE512P-70B Datasheet HTML 8Page - Winbond W29EE512P-70B Datasheet HTML 9Page - Winbond W29EE512P-70B Datasheet HTML 10Page - Winbond W29EE512P-70B Datasheet HTML 11Page - Winbond W29EE512P-70B Datasheet HTML 12Page - Winbond W29EE512P-70B Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
W29EE512
Publication Release Date: February 18, 2002
- 9 -
Revision A7
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage to Vss Potential
-0.5 to +7.0
V
Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
D.C. Voltage on Any Pin to Ground Potential except A9
-0.5 to VCC +1.0
V
Transient Voltage (¡ Õ
20 nS) on Any Pin to Ground Potential
-1.0 to VCC +1.0
V
Voltage on A9 and #OE Pin to Ground Potential
-0.5 to 12.5
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
Operating Characteristics
(VCC = 5.0V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply
Current
ICC
#CE = #OE = VIL, #WE = VIH,
all I/Os open
Address inputs = VIL/VIH, at f = 5 MHz
-
-
50
mA
Standby Vcc Current
(TTL Input)
ISB1
#CE = VIH, all I/Os open
Other inputs = VIL/VIH
-
2
3
mA
Standby Vcc Current
(CMOS Input)
ISB2
#CE = VCC -0.3V, all I/Os open
Other inputs = VCC -0.3V/GND
-
20
100
µA
Input Leakage
Current
ILI
VIN = GND to VCC
-
-
10
µA
Output Leakage
Current
ILO
VIN = GND to VCC
-
-
10
µA
Input Low Voltage
VIL
-
-
-
0.8
V
Input High Voltage
VIH
-
2.0
-
-
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage
VOH1 IOH = -0.4 mA
2.4
-
-
V
Output High Voltage
CMOS
VOH2 IOH = -100
µA; VCC = 4.5V
4.2
-
-
V


Similar Part No. - W29EE512P-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-15 WINBOND-W29EE011-15 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-90 WINBOND-W29EE011-90 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01115B WINBOND-W29EE01115B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01190B WINBOND-W29EE01190B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE512P-70B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com