Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W49L102Q-55 Datasheet(PDF) 10 Page - Winbond

Part # W49L102Q-55
Description  64K X 16 CMOS 3.3V FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49L102Q-55 Datasheet(HTML) 10 Page - Winbond

Back Button W49L102Q-55 Datasheet HTML 6Page - Winbond W49L102Q-55 Datasheet HTML 7Page - Winbond W49L102Q-55 Datasheet HTML 8Page - Winbond W49L102Q-55 Datasheet HTML 9Page - Winbond W49L102Q-55 Datasheet HTML 10Page - Winbond W49L102Q-55 Datasheet HTML 11Page - Winbond W49L102Q-55 Datasheet HTML 12Page - Winbond W49L102Q-55 Datasheet HTML 13Page - Winbond W49L102Q-55 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Preliminary W49L102
- 10 -
Command Codes for Boot Block Lockout Enable
BYTE SEQUENCE
BOOT BLOCK LOCKOUT FEATURE SET
ADDRESS
DATA
1 Write
5555H
AAH
2 Write
2AAAH
55H
3 Write
5555H
80H
4 Write
5555H
AAH
5 Write
2AAAH
55H
6 Write
5555H
40H
Pause 1 Sec.
Boot Block Lockout Enable Acquisition Flow
Boot Block Lockout
Feature Set Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40
to
address 5555
Pause 1 Sec.
Exit
Notes for boot block lockout enable:
Data Format: DQ15-DQ8 Don't Care), DQ7
−DQ0 (Hex)
Address Format: A14
−A0 (Hex)


Similar Part No. - W49L102Q-55

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-70 WINBOND-W49L201S-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-90 WINBOND-W49L201S-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-70 WINBOND-W49L201T-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-90 WINBOND-W49L201T-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49L102Q-55

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
logo
Sharp Corporation
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com