Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29C020CT12B Datasheet(PDF) 9 Page - Winbond

Part # W29C020CT12B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020CT12B Datasheet(HTML) 9 Page - Winbond

Back Button W29C020CT12B Datasheet HTML 5Page - Winbond W29C020CT12B Datasheet HTML 6Page - Winbond W29C020CT12B Datasheet HTML 7Page - Winbond W29C020CT12B Datasheet HTML 8Page - Winbond W29C020CT12B Datasheet HTML 9Page - Winbond W29C020CT12B Datasheet HTML 10Page - Winbond W29C020CT12B Datasheet HTML 11Page - Winbond W29C020CT12B Datasheet HTML 12Page - Winbond W29C020CT12B Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
W29C020C
Publication Release Date: April 2000
- 9 -
Revision A2
Command Codes for Boot Block Lockout Enable
BYTE SEQUENCE
BOOT BLOCK LOCKOUT FEATURE SET ON
FIRST 8K ADDRESS BOOT BLOCK
BOOT BLOCK LOCKOUT FEATURE SET
ON LAST 8K ADDRESS BOOT BLOCK
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555H
AAH
5555H
AAH
1 Write
2AAAH
55H
2AAAH
55H
2 Write
5555H
80H
5555H
80H
3 Write
5555H
AAH
5555H
AAH
4 Write
2AAAH
55H
2AAAH
55H
5 Write
5555H
40H
5555H
40H
6 Write
00000H
00H
3FFFFH
FFH
Pause 10
µS
Pause 10
µS
Boot Block Lockout Enable Acquisition Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40
to
address 5555
Pause 10 mS
Load data 00
to
address 00000
Boot Block Lockout
Feature Set on First 8K
Address Boot Block
Boot Block Lockout
Feature Set on Last 8K
Address Boot Block
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40
to
address 5555
Pause 10 mS
Load data FF
to
address 3FFFF
Notes for boot block lockout enable:
1. Data Format: DQ7
−DQ0 (Hex)
2. Address Format: A14
−A0 (Hex)
3. If you have any questions about this commend sequence, please contact the local distributor or Winbond Electronics Corp.


Similar Part No. - W29C020CT12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12 WINBOND-W29C020-12 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12A WINBOND-W29C020-12A Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12B WINBOND-W29C020-12B Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-70 WINBOND-W29C020-70 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020CT12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com