Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-725V Datasheet(PDF) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-725V
Description  Property of LITE-ON Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-725V Datasheet(HTML) 7 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-725V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-725V Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
 
  
 
o
Ambient temperature Ta ( C)
o
Ambient temperature Ta ( C)
Collector-emitter Voltage
Fig.5 Collector Current vs.
Fig.3 Forward Current vs. Forward
3mA
Collector-emitter voltage V
(V)
0.5
1
100
10
1.9
1.3
Forward voltage (V)
0.9
0.7
1.1
1.5
1.7
60 C
100 C
80 C
o
o
o
o
40 C
o
20 C
0
01
2
3
20
40
100
80
60
5mA
Voltage
vs. Ambient Temperature
Fig.6 Relative Current Transfer Ratio
Fig.4 Current Transfer Ratio vs. Forward
VCE=2V
7
45
6
CE
8
Pc(MAX.)
IF=0.5mA
1mA
0.7mA
1.5mA
2mA
0
20
0.2
0.4
1.0
0.8
0.6
0.1
2000
1000
0
5000
4000
3000
Current
V
= 2V
I = 1mA
Ambient temperature Ta ( C)
60
40
80
O
CE
F
100
Forward current (mA)
110
50
Fig.1 Forward Current vs.
Ambient Temperature
-25
0
10
20
40
30
50
025
60
Ambient Temperature
Fig.2 Collector Power Dissipation vs.
100
75
125
100
50
-25
0
150
200
250
300
350
100
50
0
25
75
125
< "# .2(- %4%4'$
< 2 7



Similar Part No. - LTV-725V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-725V LITEON-LTV-725V Datasheet
235Kb / 9P
   Transistor
LTV-725VM LITEON-LTV-725VM Datasheet
235Kb / 9P
   Transistor
LTV-725VS LITEON-LTV-725VS Datasheet
235Kb / 9P
   Transistor
LTV-725VS-TA1 LITEON-LTV-725VS-TA1 Datasheet
235Kb / 9P
   Transistor
More results

Similar Description - LTV-725V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com