Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-227 Datasheet(PDF) 1 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-227
Description  LITE-ON TECHNOLOGY CORPORATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-227 Datasheet(HTML) 1 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-227 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-227 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
Dec.2008
* Current transfer ratio
( CTR : MIN. 50% at IF = 5mA, VCE = 5V )
* Isolation voltage between input and output
( Viso = 3KVrms )
* Compact dual-in-line package
LTV-217: 1 channel type
LTV-227: 2 channels type
LTV-247: 4 channels type
* Employs double transfer mold technology
* Safety approved
FIMKO \ VDE approved
UL \ CUL under construction until Mar 2009.
* ROHS compliance
Application
Part No. : LTV-217, LTV-227, LTV-247 ( Preliminary Data Sheet)
Page :
1 of 13
BNS-OD-C131/A4
1. Computer terminals
2. System appliances, measurements.
3. Programmable logic controller
4. Signal transmission between circuits of different potentials and impedances.
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD
http://www.tenand.com
深圳市腾恩科技有限公司
SHENZHEN TENAND TECHNOLOGY CO.,LTD


Similar Part No. - LTV-227

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-227 LITEON-LTV-227 Datasheet
402Kb / 16P
   Photocoupler
More results

Similar Description - LTV-227

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com