Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N135S-TA1 Datasheet(PDF) 6 Page - Shenzhen Tenand Technology Co., Ltd.

Part # 6N135S-TA1
Description  LITE-ON TECHNOLOGY CORP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

6N135S-TA1 Datasheet(HTML) 6 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button 6N135S-TA1 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. 6N135S-TA1 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LITE-ON TECHNOLOGY CORP.
Property of Lite-on Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( TA = 25°C, unless otherwise specified )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Input Forward Voltage
VF
1.45
1.7
V
Ta=25℃, IF=1.6mA
Input Forward Voltage Temperature Coefficient ΔVF/ΔTa
-1.6
mV/℃ IF=16mA
Input Reverse Voltage
BVR
5.0
V
Ta=25℃, IR=10μA
6N135
7
50
3 Current Transfer Ratio
6N136
CTR
19
50
%
IF=16mA, Vo=0.4V,
VCC=4.5V
0.4
IF=16mA, IO=1.1mA ,
VCC=4.5V
6N135
0.5
IF=16mA, IO=0.8mA ,
VCC=4.5V
Logic Low (0) Output Voltage
6N136
VOL
0.4
V
IF=16mA, IO=3mA ,
VCC=4.5V
0.5
IF=0, VCC=Vo=5.5V,
TA = 25°C
1
IF=0, VCC=Vo=15V
TA = 25°C
Logic High (1) Output Current
IOH
50
μA
IF=0, VCC=Vo=15V
4 Logic Low (0) Supply Current
ICCL
200
uA
IF=16mA, VCC=15V
Vo=open
1
IF=0, VCC=15V,
Vo= open, TA = 25°C
4 Logic High (1) Supply Current
ICCH
2
μA
IF=0, VCC=15V,
Vo= open
** All typical at TA = 25℃
Part No. : 6N135 / 6N136 Series (Preliminary Date Sheet)
Page :
6 of 10
BNS-OD-C131/A4


Similar Part No. - 6N135S-TA1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135S FAIRCHILD-6N135S Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135S FAIRCHILD-6N135S Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
CT Micro International ...
6N135S CTMICRO-6N135S Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
Everlight Electronics C...
6N135S(TA)-V EVERLIGHT-6N135S(TA)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
6N135S(TA)-V EVERLIGHT-6N135S(TA)-V Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
More results

Similar Description - 6N135S-TA1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
LTL-4221NLC LITEON-LTL-4221NLC Datasheet
457Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LOPL-E001M LITEON-LOPL-E001M Datasheet
321Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P033MS28 LITEON-LTPL-P033MS28 Datasheet
207Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com