Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N136M Datasheet(PDF) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Part # 6N136M
Description  LITE-ON TECHNOLOGY CORP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

6N136M Datasheet(HTML) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button 6N136M Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. 6N136M Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LITE-ON TECHNOLOGY CORP.
Property of Lite-on Only
SWITCHING SPECIFICATIONS (AC)
( TA = 0~70°C, VCC = 5V, unless otherwise specified )
MAX.
PARAMETER
SYM.
MIN.
TYP.
TA=25℃
UNIT
CONDITIONS
1.5
6N135
2
IF = 16mA,
RL = 4.1kΩ (7)
0.8
4
Propagation Delay time to
Logic Low Output (1)→(0)
6N136
tPHL
1.0
μs
IF = 16mA,
RL = 1.9kΩ(8)
1.5
6N135
2
IF = 16mA,
RL = 4.1kΩ (7)
0.8
4
Propagation Delay time to
Logic High Output (0)→(1)
6N136
tPLH
1
us
IF = 16mA,
RL = 1.9kΩ(8)
5
Instantaneous common mode
rejection at high logic output (1)
|CMH
1000
V /
μs
IF=0,
|VCM|=10VP-P,
RL=4.1kΩ
RL=1.9kΩ
5
Instantaneous common mode
rejection at low logic output (0)
|CML
1000
V /
μs
IF=16mA
|VCM|=10P-P,
RL=4.1kΩ
RL=1.9kΩ
** All typical at TA = 25℃
Part No. :
6N135 / 6N136 Series (Preliminary Date Sheet)
Page :
7 of 10
BNS-OD-C131/A4


Similar Part No. - 6N136M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N136M FAIRCHILD-6N136M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
6N136M FAIRCHILD-6N136M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
CT Micro International ...
6N136M CTMICRO-6N136M Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
6N136M ONSEMI-6N136M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Guangdong Youtai Semico...
6N136M UMW-6N136M Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results

Similar Description - 6N136M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
LTL-4221NLC LITEON-LTL-4221NLC Datasheet
457Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LOPL-E001M LITEON-LOPL-E001M Datasheet
321Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P033MS28 LITEON-LTPL-P033MS28 Datasheet
207Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com