Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29C020C-90B Datasheet(PDF) 2 Page - Winbond

Part # W29C020C-90B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020C-90B Datasheet(HTML) 2 Page - Winbond

  W29C020C-90B Datasheet HTML 1Page - Winbond W29C020C-90B Datasheet HTML 2Page - Winbond W29C020C-90B Datasheet HTML 3Page - Winbond W29C020C-90B Datasheet HTML 4Page - Winbond W29C020C-90B Datasheet HTML 5Page - Winbond W29C020C-90B Datasheet HTML 6Page - Winbond W29C020C-90B Datasheet HTML 7Page - Winbond W29C020C-90B Datasheet HTML 8Page - Winbond W29C020C-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
W29C020C
- 2 -
PIN CONFIGURATIONS
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DQ0
DQ1
DQ2
GND
A7
A6
A5
A4
A3
A2
A1
A0
NC
A16
A15
A12
V
WE
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DD
A17
32-pin
DIP
5
6
7
9
10
11
12
13
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
29
28
27
26
25
24
23
22
21
30
31
32
1
2
3
4
8
20
19
18
17
16
15
14
D
Q
1
D
Q
2
G
N
D
D
Q
3
D
Q
4
D
Q
5
D
Q
6
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
A
1
2
A
1
6
N
C
V
D
D
/
W
E
A
1
5
A
1
7
32-pin
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32-pin
TSOP
A15
A12
A7
A6
A5
A4
V
WE
A14
A13
A8
DD
A11
A9
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A17
DECODER
CORE
ARRAY
CONTROL
OUTPUT
BUFFER
CE
OE
WE
A0
A17
.
.
.
DQ0
DQ7
.
.
8K Byte Boot Block (Optional)
8K Byte Boot Block (Optional)
V
V
DD
SS
PIN DESCRIPTION
SYMBOL
PIN NAME
A0
−A17
Address Inputs
DQ0
−DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VDD
Power Supply
GND
Ground
NC
No Connection


Similar Part No. - W29C020C-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12 WINBOND-W29C020-12 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12A WINBOND-W29C020-12A Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-12B WINBOND-W29C020-12B Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020-70 WINBOND-W29C020-70 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020C-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com