Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29C040P-90 Datasheet(PDF) 9 Page - Winbond

Part # W29C040P-90
Description  512K X 8 CMOS FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C040P-90 Datasheet(HTML) 9 Page - Winbond

Back Button W29C040P-90 Datasheet HTML 5Page - Winbond W29C040P-90 Datasheet HTML 6Page - Winbond W29C040P-90 Datasheet HTML 7Page - Winbond W29C040P-90 Datasheet HTML 8Page - Winbond W29C040P-90 Datasheet HTML 9Page - Winbond W29C040P-90 Datasheet HTML 10Page - Winbond W29C040P-90 Datasheet HTML 11Page - Winbond W29C040P-90 Datasheet HTML 12Page - Winbond W29C040P-90 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
W29C040
Publication Release Date: May 1999
- 9 -
Revision A5
Command Codes for Boot Block Lockout Enable
BYTE SEQUENCE
BOOT BLOCK LOCKOUT FEATURE SET
ON FIRST 16K ADDRESS BOOT BLOCK
BOOT BLOCK LOCKOUT FEATURE SET
ON LAST 16K ADDRESS BOOT BLOCK
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555H
AAH
5555H
AAH
1 Write
2AAAH
55H
2AAAH
55H
2 Write
5555H
80H
5555H
80H
3 Write
5555H
AAH
5555H
AAH
4 Write
2AAAH
55H
2AAAH
55H
5 Write
5555H
40H
5555H
40H
6 Write
00000H
00H
3FFFFH
FFH
Pause 10 mS
Pause 10 mS
Boot Block Lockout Enable Acquisition Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40
to
address 5555
Pause 10 mS
Load data 00
to
address 00000
Boot Block Lockout
Feature Set on First 16K
Address Boot Block
Boot Block Lockout
Feature Set on Last 16K
Address Boot Block
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 40
to
address 5555
Pause 10 mS
Load data FF
to
address 3FFFF
Notes for boot block lockout enable:
1. Data Format: DQ7
−DQ0 (Hex)
2. Address Format: A14
−A0 (Hex)
3. If you have any questions about this command sequence, please contact the local distributor or Winbond Electronics Corp.


Similar Part No. - W29C040P-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C040P-90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
   512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com