Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W29EE011-90 Datasheet(PDF) 3 Page - Winbond

Part # W29EE011-90
Description  128K X 8 CMOS FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE011-90 Datasheet(HTML) 3 Page - Winbond

  W29EE011-90 Datasheet HTML 1Page - Winbond W29EE011-90 Datasheet HTML 2Page - Winbond W29EE011-90 Datasheet HTML 3Page - Winbond W29EE011-90 Datasheet HTML 4Page - Winbond W29EE011-90 Datasheet HTML 5Page - Winbond W29EE011-90 Datasheet HTML 6Page - Winbond W29EE011-90 Datasheet HTML 7Page - Winbond W29EE011-90 Datasheet HTML 8Page - Winbond W29EE011-90 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
W29EE011
Publication Release Date: July 1999
- 3 -
Revision A12
FUNCTIONAL DESCRIPTION
Read Mode
The read operation of the W29EE011 is controlled by CE and OE , both of which have to be low for
the host to obtain data from the outputs. CE is used for device selection. When CE is high, the chip
is de-selected and only standby power will be consumed. OE is the output control and is used to gate
data from the output pins. The data bus is in high impedance state when either CE or OE is high.
Refer to the timing waveforms for further details.
Page Write Mode
The W29EE011 is programmed on a page basis. Every page contains 128 bytes of data. If a byte of
data within a page is to be changed, data for the entire page must be loaded into the device. Any byte
that is not loaded will be erased to "FFh" during programming of the page.
The write operation is initiated by forcing CE and WE low and OE high. The write procedure consists
of two steps. Step 1 is the byte-load cycle, in which the host writes to the page buffer of the device.
Step 2 is an internal programming cycle, during which the data in the page buffers are simultaneously
written into the memory array for non-volatile storage.
During the byte-load cycle, the addresses are latched by the falling edge of either CE or WE,
whichever occurs last. The data are latched by the rising edge of either CE or WE, whichever occurs
first. If the host loads a second byte into the page buffer within a byte-load cycle time (TBLC) of 200
µS, after the initial byte-load cycle, the W29EE011 will stay in the page load cycle. Additional bytes
can then be loaded consecutively. The page load cycle will be terminated and the internal
programming cycle will start if no additional byte is loaded into the page buffer within 300
µS (TBLCO)
from the last byte-load cycle, i.e., there is no subsequent WE high-to-low transition after the last
rising edge of WE. A7 to A16 specify the page address. All bytes that are loaded into the page buffer
must have the same page address. A0 to A6 specify the byte address within the page. The bytes may
be loaded in any order; sequential loading is not required.
In the internal programming cycle, all data in the page buffers, i.e., 128 bytes of data, are written
simultaneously into the memory array. Before the completion of the internal programming cycle, the
host is free to perform other tasks such as fetching data from other locations in the system to prepare
to write the next page.
Software-protected Data Write
The device provides a JEDEC-approved optional software-protected data write. Once this scheme is
enabled, any write operation requires a series of three-byte program commands (with specific data to
a specific address) to be performed before the data load operation. The three-byte load command
sequence begins the page load cycle, without which the write operation will not be activated. This
write scheme provides optimal protection against inadvertent write cycles, such as cycles triggered by
noise during system power-up and power-down.
The W29EE011 is shipped with the software data protection enabled. To enable the software data
protection scheme, perform the three-byte command cycle at the beginning of a page load cycle. The
device will then enter the software data protection mode, and any subsequent write operation must be
preceded by the three-byte program command cycle. Once enabled, the software data protection will
remain enabled unless the disable commands are issued. A power transition will not reset the
software data protection feature. To reset the device to unprotected mode, a six-byte command
sequence is required. See Table 3 for specific codes and Figure 10 for the timing diagram.


Similar Part No. - W29EE011-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE011-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com