Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02621 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 02621
Description  Super Vu-Tron짰 Supreme Types SJOOW/SOOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

02621 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  02621 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rubber Cord
9
Cord & Cordset
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
tinned copper per ASTM B-174
Insulation:
• Premium-grade,color-coded,oil-resistant
105ºCEPDM
• Europeancolorcode:Seechartbelow
Jacket:
• SuperVu-Tron® Supreme, yellow
• Temperaturerange:
–50ºC to +105ºC UL/CSA
• Voltagerating:
300 volts Type SJOOW
600 volts Type SOOW
Jacket Marking:
• CAROLSUPERVU-TRON®SUPREME
(SIZE) (mm2) 105°C (UL) WATER
RESISTANT SJOOW (OR SOOW) CSA
–50°CFT-1---P-123-103MSHA(VOLTS)
RoHSMADEINUSA
Applications:
• Machinetools
• Powertools
• Docksidepowerapplications
• Motorleads
• Portablemachinery
• Cranes
• Submersiblepumps
• Wherewaterimmersionisrequired
• SevereenvironmentOEM/MROapplications
Features:
• Excellentflexibilityincoldtemperatures
• Lastslongerinflexapplications(ClassM
stranding)
• IntegralFlexfill®
• Ozone-sunlight(UV)-andweather-resistant
• ULListedandCSACertifiedforindoorand
outdoor use
• Water-resistant
• Safety-colored,withhigh-visibilityyellow
jacket
• Highheatandflameresistance
• Resistanttosunlight,oils,acidsand
chemicals
• Excellentabrasionandcutresistance
• TRU-Mark® sequential footage marking
• Tinnedcopperconductors—corrosion/
oxidation-resistant
Industry Approvals:
• ULFlexibleCord-ULSubject62
• CSAFlexibleCord-C22.2-49
• MSHAApproved
• OSHAAcceptable
• JC580
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SJOOW – 300 VOLT – UL/CSA
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
COND.
STRAND
STRAND
O.D.
NOM. INS.
THICKNESS
JACKET
NOMINAL O.D.
CURRENT
AMPS
APPROX.
NET WT.
LBS/M'(S)
COPPER
WT.
LBS/M'
STD.
CTN.
INCHES mm INCHES mm
02601
2
18
41/34 .048" 0.030 0.76 0.310 7.87
10
60
10 1000'
02602
3
18
41/34 .048" 0.030 0.76 0.320 8.13
10
70
15 1000'
02603
4
18
41/34 .048" 0.030 0.76 0.345 8.76
7
85
20
250'
02604
2
16
65/34 .061" 0.030 0.76 0.315 8.00
13
67
16 1000'
02605
3
16
65/34 .061" 0.030 0.76 0.335 8.51
13
83
24
250'
02606
4
16
65/34 .061" 0.030 0.76 0.370 9.40
10
100
32
250'
02607
2
14 105/34 .078" 0.030 0.76 0.370 9.40
18
90
26
250'
02608
3
14 105/34 .078" 0.030 0.76 0.375 9.53
18
114
41
250'
02609
4
14 105/34 .078" 0.030 0.76 0.405 10.29
15
132
55
250'
TYPE SOOW – 600 VOLT – UL/CSA
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
COND.
STRAND
NOM. INS.
THICKNESS
JACKET
NOMINAL O.D.
CURRENT
AMPS
APPROX.
NET WT.
LBS/M'(S)
COPPER
WT.
LBS/M'
STD.
CTN.
INCHES
mm
INCHES
mm
02631*
2
18
41/34
0.030
0.76
0.365
9.27
10
75
10
250'
02632
3
18
41/34
0.030
0.76
0.375
9.53
10
84
15
250'
02633*
4
18
41/34
0.030
0.76
0.400 10.16
7
110
21
250'
02634
2
16
65/34
0.030
0.76
0.370
9.40
13
86
16
250'
02635
3
16
65/34
0.030
0.76
0.395 10.03
13
105
24
250'
02636
4
16
65/34
0.030
0.76
0.425 10.80
10
127
32
250'
02621
5
16
65/34
0.030
0.76
0.515 13.08
8
181
40
250'
02637*
2
14
105/34
0.045
1.14
0.510 12.95
18
155
26
250'
02638
3
14
105/34
0.045
1.14
0.525 13.34
18
176
41
250'
02639
4
14
105/34
0.045
1.14
0.575 14.61
15
218
55
250'
02622*
5
14
105/34
0.045
1.14
0.675 17.15
12
285
66
250'
02641*
2
12
168/34
0.045
1.14
0.590 14.99
25
200
41
250'
02642
3
12
168/34
0.045
1.14
0.600 15.24
25
243
67
250'
02643
4
12
168/34
0.045
1.14
0.650 16.51
20
295
90
250'
02623*
5
12
168/34
0.045
1.14
0.730 18.54
16
315
103
250'
02645
3
10
259/34
0.045
1.14
0.660 16.76
30
299
99
250'
02646
4
10
259/34
0.045
1.14
0.710 18.03
25
413
132
250'
02624*
5
10
259/34
0.045
1.14
0.770 19.56
20
432
168
250'
* Non-stock item; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on
NEC table 400.5(A).
(S)
Actual shipping weight may vary.
TOP PERFORMANCE IN THE TOUGHEST ENVIRONMENTS
Volume change (%) of SUPER VU-TRON® SUPREME after 28 days
at room temperature in the following materials
ACETIC ACID (30%)
AMMONIA HYDROXIDE
ASTM 3 OIL
BEER
BLEACH WATER
BUTYL ALCOHOL
CORN OIL
FORMALDEHYDE
GLYCOL (ANTI-FREEZE)
HYDROCHLORIC ACID (20%)
JP-4
KEROSENE
+19.00
+3.12
+0.26
+4.42
+2.60
-1.82
0.00
+3.38
-2.60
+10.60
+10.90
+10.60
LINSEED OIL
LUBE OIL
MILK
NITRIC ACID (10%)
SAE 30 OIL
SKYDROL 500
SODIUM HYDROXIDE
SULFURIC ACID (10%)
TOLUENE
UNLEADED GAS
WATER
+1.04
-1.82
+4.16
+7.29
-1.30
+17.10
+10.90
+2.34
+30.20
+22.10
+2.86
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green/Yellow
4
Black, White, Red, Green/Yellow
5
Black, White, Red, Orange, Green/Yellow
Super Vu-Tron® Supreme Types SJOOW/SOOW
105ºC300and600VoltUL/CSAPortableCord
OSHA Acceptable
Occupational Safety and Health
Administration


Similar Part No. - 02621

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0262100000 WEIDMULLER-0262100000 Datasheet
1Mb / 52P
   SAK-series
0262100000 WEIDMULLER-0262100000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
More results

Similar Description - 02621

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02001.15.05 GENERAL-02001.15.05 Datasheet
77Kb / 1P
   Super Vu-Tron짰 III Types SJOOW/SOOW
02021.35.05 GENERAL-02021.35.05 Datasheet
78Kb / 1P
   Super Vu-Tron짰 III Types SJOOW/SOOW
01761.35.04 GENERAL-01761.35.04 Datasheet
120Kb / 2P
   Super Vu-Tron짰 Welding Cable
01101.41.01 GENERAL-01101.41.01 Datasheet
63Kb / 1P
   Super Vu-Tron짰 Entertainment Industry and Stage Lighting Cable
01411.15.05 GENERAL-01411.15.05 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW
logo
Alpha Wire
FIT-500-30 ALPHAWIRE-FIT-500-30 Datasheet
95Kb / 1P
   Supreme Chemical Resistance
logo
General Cable Technolog...
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
   TRON짰 In-Line Fuseholders
HEJ COOPER-HEJ Datasheet
41Kb / 1P
   TRON짰 In-Line Fuseholders
logo
List of Unclassifed Man...
VACOSE220 ETC-VACOSE220 Datasheet
1Mb / 2P
   Omega Supreme Plus Electronic Vacuum 230V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com