Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5409BCPZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG5409BCPZ-REEL7
Description  High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5409BCPZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG5409BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG5409BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADG5408/ADG5409
Data Sheet
Rev. B | Page 8 of 24
CONTINUOUS CURRENT PER CHANNEL, Sx OR D
Table 5. ADG5408
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR D
VDD = +15 V, VSS = −15 V
TSSOP (θJA = 112.6°C/W)
100
44
16
mA maximum
LFCSP (θJA = 30.4°C/W)
170
54
16
mA maximum
VDD = +20 V, VSS = −20 V
TSSOP (θJA = 112.6°C/W)
106
45
16
mA maximum
LFCSP (θJA = 30.4°C/W)
178
55
16
mA maximum
VDD = 12 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
81
39
15
mA maximum
LFCSP (θJA = 30.4°C/W)
140
51
16
mA maximum
VDD = 36 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
104
44
16
mA maximum
LFCSP (θJA = 30.4°C/W)
175
55
16
mA maximum
Table 6. ADG5409
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR D
VDD = +15 V, VSS = −15 V
TSSOP (θJA = 112.6°C/W)
75
37
15
mA maximum
LFCSP (θJA = 30.4°C/W)
130
49
16
mA maximum
VDD = +20 V, VSS = −20 V
TSSOP (θJA = 112.6°C/W)
79
38
15
mA maximum
LFCSP (θJA = 30.4°C/W)
136
50
16
mA maximum
VDD = 12 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
60
32
14
mA maximum
LFCSP (θJA = 30.4°C/W)
105
44
16
mA maximum
VDD = 36 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
78
38
15
mA maximum
LFCSP (θJA = 30.4°C/W)
133
50
16
mA maximum


Similar Part No. - ADG5409BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5409BCPZ-REEL7 AD-ADG5409BCPZ-REEL7 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
More results

Similar Description - ADG5409BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
427Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5204 AD-ADG5204 Datasheet
341Kb / 20P
   High Voltage, Latch-Up Proof, 4-Channel Multiplexer Automatic test equipment
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com