Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5413BRUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG5413BRUZ
Description  High Voltage Latch-Up Proof, Quad SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413BRUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG5413BRUZ Datasheet HTML 5Page - Analog Devices ADG5413BRUZ Datasheet HTML 6Page - Analog Devices ADG5413BRUZ Datasheet HTML 7Page - Analog Devices ADG5413BRUZ Datasheet HTML 8Page - Analog Devices ADG5413BRUZ Datasheet HTML 9Page - Analog Devices ADG5413BRUZ Datasheet HTML 10Page - Analog Devices ADG5413BRUZ Datasheet HTML 11Page - Analog Devices ADG5413BRUZ Datasheet HTML 12Page - Analog Devices ADG5413BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1 1
D1 2
S1 3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND 5
NC
12
S4 6
S3
11
D4 7
D3
10
IN4 8
IN3
9
NC = NO CONNECT
ADG5412/
ADG5413
TOP VIEW
(Not to Scale)
Figure 2. TSSOP Pin Configuration
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
2. NC = NO CONNECT.
PIN 1
INDICATOR
1
S1
2
VSS
3
GND
4
S4
11 VDD
12 S2
10 NC
9S3
ADG5412/
ADG5413
TOP VIEW
(Not to Scale)
Figure 3. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
15
IN1
Logic Control Input 1.
2
16
D1
Drain Terminal 1. This pin can be an input or output.
3
1
S1
Source Terminal 1. This pin can be an input or output.
4
2
VSS
Most Negative Power Supply Potential.
5
3
GND
Ground (0 V) Reference.
6
4
S4
Source Terminal 4. This pin can be an input or output.
7
5
D4
Drain Terminal 4. This pin can be an input or output.
8
6
IN4
Logic Control Input 4.
9
7
IN3
Logic Control Input 3.
10
8
D3
Drain Terminal 3. This pin can be an input or output.
11
9
S3
Source Terminal 3. This pin can be an input or output.
12
10
NC
No Connection.
13
11
VDD
Most Positive Power Supply Potential.
14
12
S2
Source Terminal 2. This pin can be an input or output.
15
13
D2
Drain Terminal 2. This pin can be an input or output.
16
14
IN2
Logic Control Input 2.
EP
Exposed Pad
The exposed pad is connected internally. For increased reliability of the solder joints
and maximum thermal capability, it is recommended that the pad be soldered to the
substrate, VSS.
Table 8. ADG5412 Truth Table
INx
Switch Condition
1
On
0
Off
Table 9. ADG5413 Truth Table
INx
S1, S4
S2, S3
0
Off
On
1
On
Off


Similar Part No. - ADG5413BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5413BRUZ AD-ADG5413BRUZ Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5413BRUZ-REEL7 AD-ADG5413BRUZ-REEL7 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
More results

Similar Description - ADG5413BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com