Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5413BRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5413BRUZ
Description  High Voltage Latch-Up Proof, Quad SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5413BRUZ Datasheet HTML 2Page - Analog Devices ADG5413BRUZ Datasheet HTML 3Page - Analog Devices ADG5413BRUZ Datasheet HTML 4Page - Analog Devices ADG5413BRUZ Datasheet HTML 5Page - Analog Devices ADG5413BRUZ Datasheet HTML 6Page - Analog Devices ADG5413BRUZ Datasheet HTML 7Page - Analog Devices ADG5413BRUZ Datasheet HTML 8Page - Analog Devices ADG5413BRUZ Datasheet HTML 9Page - Analog Devices ADG5413BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 6 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Break-Before-Make Time Delay, tD
(ADG5413 Only)
70
ns typ
RL = 300 Ω, CL = 35 pF
38
ns min
VS1 = VS2 = 8 V; see Figure 30
Charge Injection, QINJ
95
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
see Figure 32
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 26
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 25
Total Harmonic Distortion + Noise
0.07
% typ
RL = 1 kΩ, 6 V p-p, f = 20 Hz
to 20 kHz; see Figure 28
−3 dB Bandwidth
180
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 29
Insertion Loss
−1.3
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
CS (Off )
22
pF typ
VS = 6 V, f = 1 MHz
CD (Off )
22
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
58
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
40
μA typ
Digital inputs = 0 V or VDD
65
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
10.6
Ω typ
VS = 0 V to 30 V, IS = −10 mA;
see Figure 24
12
15
17
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between Channels,
∆RON
0.35
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT(ON)
2.7
Ω typ
VS = 0 V to 30 V, IS = −10 mA
3.2
3.8
4.5
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V;
see Figure 27
±0.25
±0.75
±3.5
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V;
see Figure 27
±0.25
±0.75
±3.5
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/30 V; see
Figure 23
±0.4
±2
±12
nA max


Similar Part No. - ADG5413BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5413BRUZ AD-ADG5413BRUZ Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5413BRUZ-REEL7 AD-ADG5413BRUZ-REEL7 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
More results

Similar Description - ADG5413BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
   High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
   High Voltage Latch-Up Proof, Single SPST Switch
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
   High Voltage, Latch-Up Proof, Triple SPDT Switches
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com