Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27C512P-45 Datasheet(PDF) 6 Page - Winbond

Part # W27C512P-45
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C512P-45 Datasheet(HTML) 6 Page - Winbond

Back Button W27C512P-45 Datasheet HTML 2Page - Winbond W27C512P-45 Datasheet HTML 3Page - Winbond W27C512P-45 Datasheet HTML 4Page - Winbond W27C512P-45 Datasheet HTML 5Page - Winbond W27C512P-45 Datasheet HTML 6Page - Winbond W27C512P-45 Datasheet HTML 7Page - Winbond W27C512P-45 Datasheet HTML 8Page - Winbond W27C512P-45 Datasheet HTML 9Page - Winbond W27C512P-45 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
W27C512
- 6 -
READ OPERATION DC CHARACTERISTICS
(VCC = 5.0V
±5%, TA = 0 to 70° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = 0V to VCC
-5
-
5
µA
Output Leakage Current
ILO
VOUT = 0V to VCC
-10
-
10
µA
Standby VCC Current
(TTL input)
ISB
CE = VIH
-
-
1.0
mA
Standby VCC Current
(CMOS input)
ISB1
CE = VCC
±0.3V
-
5
100
µA
VCC Operating Current
ICC
CE = VIL
IOUT = 0 mA, f = 5 MHz
-
-
30
mA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.2
-
VCC +0.5
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage
VOH
IOH = -0.4 mA
2.4
-
-
V
READ OPERATION AC CHARACTERISTICS
(VCC = 5.0V
±5%, TA = 0 to 70° C)
PARAMETER
SYM.
W27C512-45
W27C512-70
W27C512-90
W27C512-12
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
45
-
70
-
90
-
120
-
nS
Chip Enable Access Time
TCE
-
45
-
70
-
90
-
120
nS
Address Access Time
TACC
-
45
-
70
-
90
-
120
nS
Output Enable Access Time
TOE
-
20
-
30
-
40
-
55
nS
OE
/VPP High to High-Z Output
TDF
-
20
-
30
-
30
-
30
nS
Output Hold from Address Change
TOH
0
-
0
-
0
-
0
-
nS
Note: VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
DC PROGRAMMING CHARACTERISTICS
(VCC = 5.0V
±5%, TA = 25° C ±5° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Input Load Current
ILI
VIN = VIL or VIH
-10
-
10
µA
VCC Program Current
ICP
CE = VIL,
OE /VPP = VPP
-
-
30
mA
VPP Program Current
IPP
CE = VIL,
OE /VPP = VPP
-
-
30
mA


Similar Part No. - W27C512P-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-70 WINBOND-W27C520S-70 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520S-90 WINBOND-W27C520S-90 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-70 WINBOND-W27C520W-70 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520W-90 WINBOND-W27C520W-90 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C512P-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com