Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE64101 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE64101
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE64101 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE64101 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE64101 Datasheet HTML 13Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Product Specification
PE64101
Page 11 of 13
Document No. 70-0378-01 │ www.psemi.com
©2012 Peregrine Semiconductor Corp. All rights reserved.
Figure 18. Evaluation Board Schematic
102-0833
SHORT
1PORT SHUNT
2PORT SHUNT
J2
SMA CONN
TP4
J9
SMA CONN
J10
SMA CONN
J1
SMA CONN
TP5
J3
SMA CONN
C3
100pF
1
1
3
3
5
5
7
7
2 2
4 4
6 6
8 8
10 10
12 12
14 14
13
13
9
9
11
11
J8
14 PIN HEADER
J5
SMA CONN
C7
100pF
1
1
3
3
5
5
7
7
2 2
4 4
6 6
8 8
10 10
12 12
14 14
13
13
9
9
11
11
J11
14 PIN HEADER
R3
DNI
R1
DNI
R2
DNI
R4
DNI
C9
100pF
C10
100pF
C11
100pF
C12
100pF
C13
100pF
C14
100pF
R13
DNI
R14
DNI
J4
SMA CONN
6 RF-
7 RF-
4 VDD
1
SEN
12
SDAT
10
RF+
9
RF+
3 SCLK
U1
PE6410X_QFN_12L_2X2
6 RF-
7 RF-
4 VDD
1
SEN
12
SDAT
10
RF+
9
RF+
3 SCLK
U2
PE6410X_QFN_12L_2X2
OPEN
THRU
SCL
SEN
SDA
VDD
VDD_1
SCL_1
SEN_1
SDA_1


Similar Part No. - PE64101

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
More results

Similar Description - PE64101

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64907 PSEMI-PE64907 Datasheet
363Kb / 10P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC)100-3000 MHz
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com