Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27C4096P-12 Datasheet(PDF) 5 Page - Winbond

Part # W27C4096P-12
Description  256K X 16 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C4096P-12 Datasheet(HTML) 5 Page - Winbond

  W27C4096P-12 Datasheet HTML 1Page - Winbond W27C4096P-12 Datasheet HTML 2Page - Winbond W27C4096P-12 Datasheet HTML 3Page - Winbond W27C4096P-12 Datasheet HTML 4Page - Winbond W27C4096P-12 Datasheet HTML 5Page - Winbond W27C4096P-12 Datasheet HTML 6Page - Winbond W27C4096P-12 Datasheet HTML 7Page - Winbond W27C4096P-12 Datasheet HTML 8Page - Winbond W27C4096P-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary W27C4096
Publication Release Date: March 1999
- 5 -
Revision A1
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0.45V to 2.4V
Input Rise and Fall Times
10 nS
Input and Output Timing Reference Level
0.8V/2.0V
Output Load
CL = 100 pF, IOH/IOL = -0.4 mA/2.1 mA
AC Test Load and Waveform
+1.3V
3.3K ohm
100 pF (Including Jig and Scope)
D
(IN914)
OUT
Input
2.4V
0.45V
2.0V
0.8V
2.0V
0.8V
Test Points
Test Points
Output


Similar Part No. - W27C4096P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-15 WINBOND-W27C010-15 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010-70 WINBOND-W27C010-70 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-15 WINBOND-W27C010P-15 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C010P-70 WINBOND-W27C010P-70 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C4096P-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27C020 WINBOND-W27C020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com