Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L257 Datasheet(PDF) 1 Page - Winbond

Part # W24L257
Description  32K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L257 Datasheet(HTML) 1 Page - Winbond

  W24L257 Datasheet HTML 1Page - Winbond W24L257 Datasheet HTML 2Page - Winbond W24L257 Datasheet HTML 3Page - Winbond W24L257 Datasheet HTML 4Page - Winbond W24L257 Datasheet HTML 5Page - Winbond W24L257 Datasheet HTML 6Page - Winbond W24L257 Datasheet HTML 7Page - Winbond W24L257 Datasheet HTML 8Page - Winbond W24L257 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
W24L257A
32K
× 8 HIGH-SPEED CMOS STATIC RAM
Publication Release Date: December 1996
- 1 -
Revision A5
GENERAL DESCRIPTION
The W24L257A is a high-speed, low-power CMOS static RAM organized as 32768
× 8 bits that
operates on a single 3.3-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
FEATURES
High-speed access time: 12/15/20 nS (max.)
Low-power consumption:
Active: 200 mW (typ.)
Single
+3.3V power supply
Fully static operation
All inputs and outputs directly TTL compatible
Three-state outputs
Available packages: 28-pin 300 mil SOJ,
skinny DIP and standard type one TSOP
(8 mm
× 13.4 mm)
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
28-DIP
28-pin
TSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VDD
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
OE
A11
A9
A8
A13
WE
VDD
A14
A12
A7
A6
A5
A4
A3
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
A0
A1
A2
VSS
BLOCK DIAGRAM
A0
.
.
CS
A14
WE
I/O1
I/O8
OE
ARRAY
VDD
VSS
.
.
DATA I/O
DECODER
CONTROL
CORE
ARRAY
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A14
Address Inputs
I/O1
−I/O8
Data Inputs/Outputs
CS
Chip Select Input
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground


Similar Part No. - W24L257

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L257

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com