Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L257 Datasheet(PDF) 8 Page - Winbond

Part # W24L257
Description  32K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L257 Datasheet(HTML) 8 Page - Winbond

  W24L257 Datasheet HTML 1Page - Winbond W24L257 Datasheet HTML 2Page - Winbond W24L257 Datasheet HTML 3Page - Winbond W24L257 Datasheet HTML 4Page - Winbond W24L257 Datasheet HTML 5Page - Winbond W24L257 Datasheet HTML 6Page - Winbond W24L257 Datasheet HTML 7Page - Winbond W24L257 Datasheet HTML 8Page - Winbond W24L257 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
W24L257A
- 8 -
PACKAGE DIMENSIONS
28-pin P-DIP Skinny
1. Dimensions D Max. & S include mold flash or
tie bar burrs.
2. Dimension E1 does not include interlead flash.
3. Dimensions D & E1 include mold mismatch and
are determined at the mold parting line.
6. General appearance spec. should be based on
final visual inspection spec.
1.63
1.47
0.064
0.058
Notes:
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
B
c
D
e
A
L
S
A1
A2
E
0.060
1.52
0.175
4.45
0.010
0.125
0.016
0.130
0.018
0.135
0.022
3.18
0.41
0.25
3.30
0.46
3.43
0.56
0.008
0.120
0.370
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.293
0.288
0.283
7.44
7.32
7.19
9.40
7.87
7.62
8.13
0.310
0.300
0.320
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
a
1.388
1.400
35.26
35.56
15°
0.055
1.40
0.350
0.330
8.38
8.89
15°
4. Dimension B1 does not include dambar
protrusion/intrusion.
5. Controlling dimension: Inches.
eA
A
a
c
E
Base Plane
Mounting Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
28
15
1
14
2
28-pin Small Outline J Band
1
y
1
e
s
1
b
b
c
L
e
Seating Plane
1
2
A
A
A
D
E
H
E
14
15
28
£c
0.36
0.20
0.014
0.008
Symbol
Min. Nom. Max.
Max.
Nom.
Min.
Dimension in Inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
S
1
1
2
E
0.010
0.25
0.140
3.56
0.027
0.095
0.016
0.100
0.018
0.105
0.022
2.41
0.41
0.69
2.54
0.46
2.67
0.56
0.077
0.004
0
10
0.710
0.087
0.730
0.097
1.96
18.03
2.21
18.54
2.46
0.285
0.265
0.245
7.24
6.73
6.22
0
0.10
7.75
7.62
7.49
0.305
0.300
0.295
8.31
8.56
8.81
0.327
0.337
0.347
1. Dimensions D Max. & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
4. Controlling dimension: Inches.
5. General appearance spec. should be based
on final visual inspection spec.
Notes:
3. Dimensions D & E include mold mismatch
and are determined at the mold parting line.
e
b 1
0.81
0.71
0.66
0.032
0.028
0.026
0.044
0.050
0.056
1.12
1.27
1.42
0.045
1.14
10
θ


Similar Part No. - W24L257

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L257

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com