Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L011AQ-12 Datasheet(PDF) 4 Page - Winbond

Part # W24L011AQ-12
Description  128K X 8 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L011AQ-12 Datasheet(HTML) 4 Page - Winbond

  W24L011AQ-12 Datasheet HTML 1Page - Winbond W24L011AQ-12 Datasheet HTML 2Page - Winbond W24L011AQ-12 Datasheet HTML 3Page - Winbond W24L011AQ-12 Datasheet HTML 4Page - Winbond W24L011AQ-12 Datasheet HTML 5Page - Winbond W24L011AQ-12 Datasheet HTML 6Page - Winbond W24L011AQ-12 Datasheet HTML 7Page - Winbond W24L011AQ-12 Datasheet HTML 8Page - Winbond W24L011AQ-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W24L011A
- 4 -
AC Characteristics, continued
(VDD = 3.3V
±5%, VSS = 0V, TA = 0 to 70°)
Read Cycle
PARAMETER
SYM.
W24L011A-10
W24L011A-12
W24L011A-15
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
10
-
12
-
15
-
nS
Address Access Time
TAA
-
10
-
12
-
15
nS
Chip Select Access Time
TACS
-
10
-
12
-
15
nS
Output Enable to Output Valid
TAOE
-
5
-
6
-
8
nS
Chip Selection to Output in Low Z
TCLZ
3
-
3
-
-
3
nS
Output Enable to Output in Low Z
TOLZ*
0
-
0
-
-
nS
Chip Deselection to Output in High Z
TCHZ
-
5
-
6
-
8
nS
Output Disable to Output in High Z
TOHZ*
-
5
-
6
-
8
nS
Output Hold from Address Change
TOH
3
-
3
-
3
-
nS
* These parameters are sampled but not 100% tested.
Write Cycle
PARAMETER
SYM.
W24L011A-10
W24L011A-12
W24L011A-15
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
TWC
10
-
12
-
15
-
nS
Chip Selection to End of Write
TCW
9
-
10
-
12
-
nS
Address Valid to End of Write
TAW
9
-
10
-
12
-
nS
Address Setup Time
TAS
0
-
0
-
0
-
nS
Write Pulse Width
TWP
9
-
10
-
12
-
nS
Write Recovery Time
CS , WE
TWR
0
-
0
-
0
-
nS
Data Valid to End of Write
TDW
5
-
7
-
9
-
nS
Data Hold from End of Write
TDH
0
-
0
-
0
-
nS
Write to Output in High Z
TWHZ*
-
5
-
6
-
8
nS
Output Disable to Output in High Z
TOHZ*
-
5
-
6
-
8
nS
Output Active from End of Write
TOW
0
-
0
-
0
-
nS
* These parameters are sampled but not 100% tested.


Similar Part No. - W24L011AQ-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L011AQ-12

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com